Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2126CS Datasheet(PDF) 7 Page - Elantec Semiconductor

Part # EL2126CS
Description  Ultra-low Noise, Low Power, Wideband Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2126CS Datasheet(HTML) 7 Page - Elantec Semiconductor

Back Button EL2126CS Datasheet HTML 3Page - Elantec Semiconductor EL2126CS Datasheet HTML 4Page - Elantec Semiconductor EL2126CS Datasheet HTML 5Page - Elantec Semiconductor EL2126CS Datasheet HTML 6Page - Elantec Semiconductor EL2126CS Datasheet HTML 7Page - Elantec Semiconductor EL2126CS Datasheet HTML 8Page - Elantec Semiconductor EL2126CS Datasheet HTML 9Page - Elantec Semiconductor EL2126CS Datasheet HTML 10Page - Elantec Semiconductor EL2126CS Datasheet HTML 11Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
EL2126C - Preliminary
Ultra-low Noise, Low Power, Wideband Amplifier
Typical Performance Curves
Non-Inverting Frequency Response for Various CL
10
6
2
-2
-6
-10
1M
10M
100M
Frequency (Hz)
Non-Inverting Frequency Response for Various CL
10
6
2
-2
-6
-10
1M
10M
100M
Frequency (Hz)
Inverting Frequency Response for Various CL
8
4
0
-4
-8
-12
1M
10M
100M
Frequency (Hz)
Inverting Frequency Response for Various CL
8
4
0
-4
-8
-12
1M
10M
100M
Frequency (Hz)
Open Loop Gain/Phase
100
80
60
40
20
0
10k
10M
1G
Frequency (Hz)
Supply Current vs Supply Voltage
0.6/div
1.5/div
Supply Voltage (V)
VS=±5V
RF=180Ω
AV=10
RL=500Ω
CL=28pF
CL=16pF
CL=11pF
CL=5pF
CL=1pF
VS=±15V
RF=180Ω
AV=10
RL=500Ω
CL=28pF
CL=16pF
CL=11pF
CL=5pF
CL=1.2pF
VS=±5V
RF=350Ω
RL=500Ω
AV=-10
CL=28pF
CL=16pF
CL=11pF
CL=5pF
CL=1.2pF
CL=29pF
CL=16pF
CL=11pF
CL=5pF
CL=1.2pF
VS=±15V
RF=200Ω
RL=500Ω
AV=-10
100k
100M
1M
250
150
50
-50
-150
-250
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com