Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2126CS Datasheet(PDF) 9 Page - Elantec Semiconductor

Part # EL2126CS
Description  Ultra-low Noise, Low Power, Wideband Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2126CS Datasheet(HTML) 9 Page - Elantec Semiconductor

Back Button EL2126CS Datasheet HTML 3Page - Elantec Semiconductor EL2126CS Datasheet HTML 4Page - Elantec Semiconductor EL2126CS Datasheet HTML 5Page - Elantec Semiconductor EL2126CS Datasheet HTML 6Page - Elantec Semiconductor EL2126CS Datasheet HTML 7Page - Elantec Semiconductor EL2126CS Datasheet HTML 8Page - Elantec Semiconductor EL2126CS Datasheet HTML 9Page - Elantec Semiconductor EL2126CS Datasheet HTML 10Page - Elantec Semiconductor EL2126CS Datasheet HTML 11Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
EL2126C - Preliminary
Ultra-low Noise, Low Power, Wideband Amplifier
Typical Performance Curves
Group Delay vs Frequency
16
8
0
-4
1M
10M
100M
400M
Frequency (Hz)
4
12
VS=±5V
RL=500Ω
AV=10
AV=-10
Noise vs Frequency
10
1
10
100
10k
100k
Frequency (Hz)
1k
CMRR vs Frequency
-10
-50
-90
-110
10
1M
10M
100M
Frequency (Hz)
-70
-30
1k
100k
100
10k
Settling Time vs Accuracy
70
40
20
0
0.1
1.0
10.0
Accuracy (%)
30
50
VS=±5V,
VO=5V
P-P
VS=±15V
, VO=5V
P-P
VS=±15V,
VO=2V
P-P
VS=±5V,
VO=2V
P-P
60
10
Total Harmonic Distortion vs Frequency
-20
-50
-80
-90
1k
10k
100M
Frequency (Hz)
VS=±5V
VO=2VP-P
100k
1M
10M
-30
-40
-70
-60
PSRR vs Frequency
110
70
30
10
10k
100k
1M
10M
200M
Frequency (Hz)
50
90
VS=±5V
PSRR+
PSRR-
IN, VS=±5V
VN, VS=±15V
IN, VS=±15V
VN, VS=±5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com