Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2126CS Datasheet(PDF) 8 Page - Elantec Semiconductor

Part # EL2126CS
Description  Ultra-low Noise, Low Power, Wideband Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2126CS Datasheet(HTML) 8 Page - Elantec Semiconductor

Back Button EL2126CS Datasheet HTML 3Page - Elantec Semiconductor EL2126CS Datasheet HTML 4Page - Elantec Semiconductor EL2126CS Datasheet HTML 5Page - Elantec Semiconductor EL2126CS Datasheet HTML 6Page - Elantec Semiconductor EL2126CS Datasheet HTML 7Page - Elantec Semiconductor EL2126CS Datasheet HTML 8Page - Elantec Semiconductor EL2126CS Datasheet HTML 9Page - Elantec Semiconductor EL2126CS Datasheet HTML 10Page - Elantec Semiconductor EL2126CS Datasheet HTML 11Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
EL2126C - Preliminary
Ultra-low Noise, Low Power, Wideband Amplifier
Typical Performance Curves
Peaking vs Vs
3.0
2.5
2.0
1.0
0.5
0
0
2
4
6
8
10
14
16
±Supply Voltage (V)
12
1.5
Bandwidth vs Vs
160
140
100
80
40
20
0
0
2
4
6
8
10
14
16
±VS (V)
12
60
120
1MHz Harmonic Distortion vs Output Swing
-40.0
-50.0
-60.0
-80.0
-90.0
-100.0
0
1
2
3
4
5
7
8
VOUT (VP-P)
6
-70.0
1MHz Harmonic Distortion vs Output Swing
-30.0
-40.0
-60.0
-80.0
-90.0
-100.0
0
5
10
15
20
25
VOUT (VP-P)
-70.0
-50.0
RG=20Ω
RL=500Ω
CL=5pF
AV=10
AV=-10
2nd H
3rd H
2nd H
RG=20Ω
RL=500Ω
CL=5pF
VS=±5V
VO=2VP-P
RF=180Ω
AV=10
RL=500Ω
AV=-10
AV=10
AV=-20
AV=-20
AV=50
AV=-50
AV=-50
VS=±5V
VO=2VP-P
RF=180Ω
AV=10
RL=500Ω
3rd H
Large Signal Step Response
0.5V/div
10ns/div
VS=±5V
VO=2VPP
RF=180Ω
RG=20Ω
Small Signal Step Response
20mV/div
10ns/div
VS=±5V
VO=100mVPP
RF=180Ω
RG=20Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com