Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5337 Datasheet(PDF) 2 Page - California Eastern Labs

Part # 2SC5337
Description  NPN Silicon RF Transistor for High-Frequency Low Distortion Amplifier 4-Pin Power Minimold
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC5337 Datasheet(HTML) 2 Page - California Eastern Labs

  2SC5337 Datasheet HTML 1Page - California Eastern Labs 2SC5337 Datasheet HTML 2Page - California Eastern Labs 2SC5337 Datasheet HTML 3Page - California Eastern Labs 2SC5337 Datasheet HTML 4Page - California Eastern Labs 2SC5337 Datasheet HTML 5Page - California Eastern Labs 2SC5337 Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SC5337
5
f
o
2
e
g
a
P
0
0
.
3
.v
e
R
0
0
3
0
J
E
7
4
0
0
S
D
9
0
R
Sep 14, 2012
ELECTRICAL CHARACTERISTICS (TA = +25°C)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
s
ci
ts
ir
e
tc
a
r
a
h
C
C
D
Collector Cut-off Current
ICBO
VCB = 20 V, IE
0
.
5
1
0
.
0
–
0
=
A
Emitter Cut-off Current
IEBO
VBE = 2 V, IC
0
.
5
3
0
.
0
–
0
=
A
DC Current Gain
hFE Note 1 VCE = 10 V, IC = 50 mA
60
120
200
–
s
ci
ts
ir
e
tc
a
r
a
h
C
F
R
Insertion Power Gain
S21e 2 VCE = 10 V, IC = 50 mA, f = 1 GHz
7.0
8.3
–
dB
F
N
)
1
(
e
r
u
gi
F
e
si
o
N
Note 2
VCE = 10 V, IC = 50 mA, f = 500 MHz
–
1.5
3.5
dB
F
N
)
2
(
e
r
u
gi
F
e
si
o
N
Note 2
VCE = 10 V, IC = 50 mA, f = 1 GHz
–
2.0
3.5
dB
2nd Order Intermoduration Distortion
IM2
VCE = 10 V, IC = 50 mA, RS = RL = 75 ,
Vin = 105 dB V/75 , f1 = 190 MHz,
f2 = 90 MHz, f = f1 − f2
–
59.0
–
dB
3rd Order Intermoduration Distortion
IM3
VCE = 10 V, IC = 50 mA, RS = RL = 75 ,
Vin = 105 dB V/75 , f1 = 190 MHz,
f2 = 200 MHz, f = 2 × f1 − f2
–
82.0
–
dB
Notes 1. Pulse measurement: PW ≤ 350 s, Duty Cycle ≤ 2%
2. RS = RL = 50 , tuned
hFE CLASSIFICATION
Rank
QR/YQR
QS/YQS
Marking
QR
QS
hFE Value
60 to 120
100 to 200
<R>
<R>
A Business Partner of Renesas Electronics Corporation.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com