Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5337 Datasheet(PDF) 1 Page - California Eastern Labs

Part # 2SC5337
Description  NPN Silicon RF Transistor for High-Frequency Low Distortion Amplifier 4-Pin Power Minimold
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC5337 Datasheet(HTML) 1 Page - California Eastern Labs

  2SC5337 Datasheet HTML 1Page - California Eastern Labs 2SC5337 Datasheet HTML 2Page - California Eastern Labs 2SC5337 Datasheet HTML 3Page - California Eastern Labs 2SC5337 Datasheet HTML 4Page - California Eastern Labs 2SC5337 Datasheet HTML 5Page - California Eastern Labs 2SC5337 Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
5
f
o
1
e
g
a
P
0
0
.
3
.v
e
R
0
0
3
0
J
E
7
4
0
0
S
D
9
0
R
Sep 14, 2012
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
Preliminary
Data Sheet
2SC5337
NPN Silicon RF Transistor for High-Frequency
Low Distortion Amplifier 4-Pin Power Minimold
FEATURES
• Low distortion: IM2 = 59.0 dB TYP., IM3 = 82.0 dB TYP. @ VCE = 10 V, IC = 50 mA
• Low noise
NF = 1.5 dB TYP. @ VCE = 10 V, IC = 50 mA, f = 500 MHz
NF = 2.0 dB TYP. @ VCE = 10 V, IC = 50 mA, f = 1 GHz
• 4-pin power minimold package with improved gain from the 2SC4536
ORDERING INFORMATION
m
r
o
F
g
ni
yl
p
p
u
S
yt
it
n
a
u
Q
e
g
a
k
c
a
P
r
e
b
m
u
N
r
e
d
r
O
r
e
b
m
u
N
tr
a
P
e
s
a
c
e
ni
z
a
g
a
M
•
)l
e
e
r
n
o
N
(
s
c
p
5
2
Z
A
-
7
3
3
5
C
S
2
7
3
3
5
C
S
2
2SC5337-T1
2SC5337-T1-AZ
4-pin power
minimold
(Pb-Free) Note
1 kpcs/reel
• 12 mm wide embossed taping
• Collector face the perforation side of the tape
Note Contains Lead in the part except the electrode terminals.
Remark To order evaluation samples, please contact your nearby sales office.
Unit sample quantity is 25 pcs.
ABSOLUTE MAXIMUM RATINGS (TA = +25°C)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
30
V
Collector to Emitter Voltage
VCEO
15
V
Emitter to Base Voltage
VEBO
3.0
V
I
t
n
e
rr
u
C
r
o
tc
el
lo
C
C
250
mA
Total Power Dissipation
Ptot Note
2.0
W
Junction Temperature
Tj
150
°
C
Storage Temperature
Tstg
−
65 to +150
°
C
Note Mounted on 16 cm2 × 0.7 mm (t) ceramic substrate (Copper plating)
CAUTION
Observe precautions when handling because these devices are sensitive to electrostatic discharge.
R09DS0047EJ0300
Rev.3.00
Sep 14, 2012
<R>
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - 2SC5337

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5337 NEC-2SC5337 Datasheet
59Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
logo
Renesas Technology Corp
2SC5337 RENESAS-2SC5337 Datasheet
104Kb / 7P
NPN Silicon RF Transistor for High-Frequency
2SC5337-A RENESAS-2SC5337-A Datasheet
137Kb / 2P
RF & Microwave device
2SC5337-AZ RENESAS-2SC5337-AZ Datasheet
104Kb / 7P
NPN Silicon RF Transistor for High-Frequency
2SC5337-T1 RENESAS-2SC5337-T1 Datasheet
104Kb / 7P
NPN Silicon RF Transistor for High-Frequency
More results

Similar Description - 2SC5337

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5336 RENESAS-2SC5336 Datasheet
180Kb / 10P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
2SC5338 RENESAS-2SC5338 Datasheet
186Kb / 10P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
logo
California Eastern Labs
NE46234 CEL-NE46234 Datasheet
163Kb / 7P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER 3-PIN POWER MINIMOLD
2SC5336 CEL-2SC5336 Datasheet
1Mb / 7P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
logo
Renesas Technology Corp
2SC5337 RENESAS-2SC5337_15 Datasheet
99Kb / 7P
NPN Silicon RF Transistor for High-Frequency Low Distortion Amplifier 4-Pin Power Minimold
2SC4093 RENESAS-2SC4093_15 Datasheet
175Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN MINIMOLD
2SC4703 RENESAS-2SC4703_15 Datasheet
181Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER 3-PIN POWER MINIMOLD
2SC4957 RENESAS-2SC4957_15 Datasheet
189Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN MINIMOLD
2SC5336 RENESAS-2SC5336_15 Datasheet
180Kb / 10P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER 4-PIN POWER MINIMOLD
2SC5338 RENESAS-2SC5338_15 Datasheet
186Kb / 10P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER 4-PIN POWER MINIMOLD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com