Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5337 Datasheet(PDF) 4 Page - California Eastern Labs

Part # 2SC5337
Description  NPN Silicon RF Transistor for High-Frequency Low Distortion Amplifier 4-Pin Power Minimold
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC5337 Datasheet(HTML) 4 Page - California Eastern Labs

  2SC5337 Datasheet HTML 1Page - California Eastern Labs 2SC5337 Datasheet HTML 2Page - California Eastern Labs 2SC5337 Datasheet HTML 3Page - California Eastern Labs 2SC5337 Datasheet HTML 4Page - California Eastern Labs 2SC5337 Datasheet HTML 5Page - California Eastern Labs 2SC5337 Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SC5337
5
f
o
4
e
g
a
P
0
0
.
3
.v
e
R
0
0
3
0
J
E
7
4
0
0
S
D
9
0
R
Sep 14, 2012
VCE = 10 V
IC = 50 mA
Frequency f (GHz)
INSERTION POWER GAIN, MAG
vs. FREQUENCY
20
10
0
0.2
0.4 0.6 0.8 1.0 1.4 2.0
MAG
|S21e|2
7
6
5
4
3
2
1
0
5
10
20
50
100
Collector Current IC (mA)
NOISE FIGURE vs.
COLLECTOR CURRENT
VCE = 10 V
f = 1 GHz
70
80
60
50
40
30
10
50
100
300
Collector Current IC (mA)
IM3, IM2+, IM2– vs.
COLLECTOR CURRENT
IM2–
IM2+
IM3
VCE = 10 V
IM3 : Vin = 110 dB V/75 Ω 2 tone each
f = 2 × 190 – 200 MHz
IM2+: Vin = 105 dB V/75 Ω 2 tone each
f = 90 + 100 MHz
IM2–: Vin = 105 dB V/75 Ω 2 tone each
f = 190 – 90 MHz
μ
μ
μ
Remark The graphs indicate nominal characteristics.
S-PARAMETERS
S-parameters and noise parameters are provided on our web site in a form (S2P) that enables direct import of the
parameters to microwave circuit simulators without the need for keyboard inputs.
Click here to download S-parameters.
[Products] → [RF Devices] → [Device Parameters]
URL http://www.renesas.com/products/microwave/
<R>
A Business Partner of Renesas Electronics Corporation.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com