Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4331CS Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL4331CS
Description  Triple 2:1 Mux-Amp AV = 1
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4331CS Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL4331CS Datasheet HTML 1Page - Elantec Semiconductor EL4331CS Datasheet HTML 2Page - Elantec Semiconductor EL4331CS Datasheet HTML 3Page - Elantec Semiconductor EL4331CS Datasheet HTML 4Page - Elantec Semiconductor EL4331CS Datasheet HTML 5Page - Elantec Semiconductor EL4331CS Datasheet HTML 6Page - Elantec Semiconductor EL4331CS Datasheet HTML 7Page - Elantec Semiconductor EL4331CS Datasheet HTML 8Page - Elantec Semiconductor EL4331CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© 1995 Elantec, Inc.
General Description
The EL4331C is a triple, very high speed, 2:1 Multiplexing Amplifier.
It is intended primarily for component video multiplexing, and is espe-
cially suited for pixel switching. The amplifiers have their gain set to
1, internally. All three amplifiers are switched simultaneously from
their A to B inputs by the TTL/CMOS compatible, common A/B con-
trol pin.
The EL4331C has a power down mode, in which the total supply cur-
rent drops to less than 1 mA. In this mode, each output will appear as
a high impedance.
The EL4331C runs from standard ±5V supplies, and is available in the
narrow 16-pin small outline package.
Connection Diagrams
Features
•3 ns A-B switching
• 300 MHz bandwidth
• Power down mode
• TTL/CMOS compatible controls
• Fixed gain of 1
• 400V/µs slew rate
Applications
• RGB multiplexing
• Picture-in-picture
•Cable driving
• HDTV processing
• Switched gain amplifiers
• ADC input multiplexer
Ordering Information
Part No.
Temp. Range
Package
Outline#
EL4331CS
-45°C to +85°C
16-Lead SOIC
MDP0027
EL4331C
Triple 2:1 Mux-Amp AV = 1


Similar Part No. - EL4331CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4331CS INTERSIL-EL4331CS Datasheet
790Kb / 10P
Triple 2:1 Mux-Amp AV = 1
May 12, 2004
logo
Renesas Technology Corp
EL4331CS RENESAS-EL4331CS Datasheet
1Mb / 10P
Triple 2:1 Mux-Amp AV = 1
May 12, 2004
logo
Intersil Corporation
EL4331CS-T13 INTERSIL-EL4331CS-T13 Datasheet
790Kb / 10P
Triple 2:1 Mux-Amp AV = 1
May 12, 2004
logo
Renesas Technology Corp
EL4331CS-T13 RENESAS-EL4331CS-T13 Datasheet
1Mb / 10P
Triple 2:1 Mux-Amp AV = 1
May 12, 2004
logo
Intersil Corporation
EL4331CS-T7 INTERSIL-EL4331CS-T7 Datasheet
790Kb / 10P
Triple 2:1 Mux-Amp AV = 1
May 12, 2004
More results

Similar Description - EL4331CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4332C ELANTEC-EL4332C Datasheet
1Mb / 17P
Triple 2:1 300 MHz Mux-Amp AV =2
logo
Intersil Corporation
EL4331 INTERSIL-EL4331 Datasheet
790Kb / 10P
Triple 2:1 Mux-Amp AV = 1
May 12, 2004
EL4332 INTERSIL-EL4332 Datasheet
653Kb / 15P
Triple 2:1 300MHz Mux-Amp AV = 2
October 4, 2004
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A Datasheet
558Kb / 6P
Quad 2:1 Mux/DeMux
PO3B3257A POTATO-PO3B3257A_14 Datasheet
1Mb / 5P
Quad 2:1 Mux/DeMux
logo
Texas Instruments
DS42MB100 TI1-DS42MB100_16 Datasheet
1Mb / 25P
4.25-Gbps 2:1/1:2 CML MUX/Buffer
logo
Renesas Technology Corp
EL4332 RENESAS-EL4332 Datasheet
1Mb / 15P
Triple 2:1 300MHz Mux-Amp AV = 2
logo
Diodes Incorporated
PI3DBS12212A DIODES-PI3DBS12212A Datasheet
501Kb / 1P
3.3V, 1-12Gbps 1-Lane 2:1 Mux/De-Mux Switch
PI3DBS16412 DIODES-PI3DBS16412 Datasheet
527Kb / 1P
3.3V, 1-20Gbps 2-Lane 2:1 Mux/De-Mux Switch
logo
Renesas Technology Corp
EL4331 RENESAS-EL4331 Datasheet
1Mb / 10P
Triple 2:1 Mux-Amp AV = 1
May 12, 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com