Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4331CS Datasheet(PDF) 10 Page - Elantec Semiconductor

Part # EL4331CS
Description  Triple 2:1 Mux-Amp AV = 1
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4331CS Datasheet(HTML) 10 Page - Elantec Semiconductor

Back Button EL4331CS Datasheet HTML 5Page - Elantec Semiconductor EL4331CS Datasheet HTML 6Page - Elantec Semiconductor EL4331CS Datasheet HTML 7Page - Elantec Semiconductor EL4331CS Datasheet HTML 8Page - Elantec Semiconductor EL4331CS Datasheet HTML 9Page - Elantec Semiconductor EL4331CS Datasheet HTML 10Page - Elantec Semiconductor EL4331CS Datasheet HTML 11Page - Elantec Semiconductor EL4331CS Datasheet HTML 12Page - Elantec Semiconductor EL4331CS Datasheet HTML 13Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
EL4331C
Triple 2:1 Mux-Amp AV = 1
A demonstration board with this circuit on it is available
from Elantec.
Application Circuit #2
Figure 2 shows a circuit that has either a very wide band-
width, or an 11 MHz low pass response. The EL4331’s
“A” inputs are connected to the one frequency determin-
ing set of components, while the “B” inputs are
connected directly. The A/B select pin therefore selects
the desired bandwidth. This would allow appropriate fil-
tering to clean up noisy low bandwidth video signals
when displaying them on a high quality wide bandwidth
monitor.
Application Circuit #3
Figure 3 shows one of the three channels of a component
video, 8:1 multiplexer. The A/B select pins naturally
allow binary coded addressing—allowing simple micro-
processor or state machine control. Note that each
amplifier output is loaded, to keep the amplifier outputs
damped.
Photograph A1 shows a staircase generated by having all
the inputs (sig0 through sig7) connected to a resistive
divider chain, and the select bits were driven by a binary
counter. Photograph A2 shows the glitch between steps
4 and 5; this is the worst glitch since all three banks of
EL4331s are switching together. The magnitude of this
glitch is affected by the timing skew of the select lines,
the physical length of the traces, and the difference in
amplitude of the two signals. This particular circuit was
bread-boarded using EL4331s on their adapter boards
(available from Elantec for those who can not bread-
board with SOICs), and the binary counter was an
'LS163.
Figure 2. A Bandwidth-Selectable Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com