Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4331CS Datasheet(PDF) 2 Page - Elantec Semiconductor

Part # EL4331CS
Description  Triple 2:1 Mux-Amp AV = 1
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4331CS Datasheet(HTML) 2 Page - Elantec Semiconductor

  EL4331CS Datasheet HTML 1Page - Elantec Semiconductor EL4331CS Datasheet HTML 2Page - Elantec Semiconductor EL4331CS Datasheet HTML 3Page - Elantec Semiconductor EL4331CS Datasheet HTML 4Page - Elantec Semiconductor EL4331CS Datasheet HTML 5Page - Elantec Semiconductor EL4331CS Datasheet HTML 6Page - Elantec Semiconductor EL4331CS Datasheet HTML 7Page - Elantec Semiconductor EL4331CS Datasheet HTML 8Page - Elantec Semiconductor EL4331CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
EL4331C
Triple 2:1 Mux-Amp AV = 1
Absolute Maximum Ratings (T
A = 25 °C)
VCC to VEE
14V
VCC to Any GND
12V
VEE to Any GND
12V
Continuous Output Current
45 mA
Any Input (except PD)VEE-0.3V to VCC+0.3V
PD Input
VCC-7V to VCC+0.3V
Input Current, Any Input
5 mA
Power Dissipation
See curves
Operating Temperature
-45°C to +85°C
Leading Temperature during Soldering
300°C
Junction Temperature
170°C
Storage Temperature
-60°C to +150°C
Important Note:
All parameters having Min/Max specifications are guaranteed. The Test Level column indicates the specific device testing actually performed during
production and Quality inspection. Elantec performs most electrical tests using modern high-speed automatic test equipment, specifically the LTX77
Series system. Unless otherwise noted, all tests are pulsed tests, therefor TJ = TC = TA.
Test Level
Test Procedure
I
100% production tested and QA sample tested per QA test plan QCX0002.
II
100% production tested at TA = 25°C and QA sample tested at TA = 25°C, TMAX and TMIN per QA test plan QCX0002.
III
QA sample tested per QA test plan QCX0002.
IV
Parameter is guaranteed (but not tested) by Design and Characterization Data.
V
Parameter is typical value at TA = 25°C for information purposes only.
DC Electrical Characteristics
VCC = +5V, VEE = -5V, Ambient Temperature =25°C, RL = 500Ω, PD = 5V
Parameter
Description
Min
Typ
Max
Test Level
Units
VOS
Input Referred Offset Voltage
-12
30
II
mV
dVOS
Input A to Input B Offset Voltage
[1]
18
II
mV
IB
Input Bias Current
-7
-30
II
µA
dIB
Input A to Input B Bias Current [1]
0.5
4.0
II
µA
AVOL
Open Loop Gain (from Gain Error Calculation)
54
VdB
PSRR
Power Supply Rejection Ratio
60
70
II
dB
VOUT_500
Output Voltage Swing into 500
Ω Load
±2.7
±3.2
II
V
VOUT_150
Output Voltage Swing into 150
Ω Load
+3/-2.7
VV
IOUT
Current Output, Measured with 75
Ω load [2]
30
40
II
mA
XTALK
Crosstalk from Non-Selected Input (at DC)
-70
-85
II
dB
VIH
Input Logic High Level (A/B and PD)
2.0
II
V
VIL
Input Logic Low Level (A/B and PD)
0.8
II
V
IIL_AB
Logic Low Input Current (VIN = 0.8V), A/B Pin
-1
-20
-100
II
µA
IIH_AB
Logic High Input Current (VIN = 2.0V), A/B Pin
-5
0
5
II
µA
IIL_PD
Logic Low Input Current (VIN = 0.8V), PD Pin
-10
0
10
II
µA
IIH_PD
Logic High Input Current (VIN = 5.0V), PD Pin
0.5
1.0
1.6
II
mA
IS
Total Supply Current
38
48
60
II
mA
IS(PD)
Powered Down Supply Current
0.01
1.0
II
mA
1.
Any channel’s A-input to its B-input.
2.
There is no short circuit protection on any output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com