Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L-T670WDT-NW2-R Datasheet(PDF) 3 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # L-T670WDT-NW2-R
Description  SURFACE MOUNT DEVICE LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

L-T670WDT-NW2-R Datasheet(HTML) 3 Page - PARA LIGHT ELECTRONICS CO., LTD.

  L-T670WDT-NW2-R Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-NW2-R Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-NW2-R Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-NW2-R Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-NW2-R Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-NW2-R Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-NW2-R Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-NW2-R Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-NW2-R Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Part No. : LT670WDT-NW2-R
REV: A / 0
l Chip Materials
Û
Dice Material : InGaN
Û
Light Color : Warm White
Û
Lens Color : Light Yellow Diffused.
l Absolute Maximum Ratings(Ta=25℃)
Symbol
Parameter
Rating
Unit
PD
Power Dissipation
110
mW
IPF
Peak Forward Current
(1/10 Duty Cycle, 0.1ms Pulse Width)
100
mA
IF
Continuous Forward Current
20
mA
VR
Reverse Voltage
5
V
ESD
Electrostatic Discharge Threshold (HBM)
Note A
2000
V
Topr
Operating Temperature Range
-40 ~ + 85
Tstg
Storage Temperature Range
-40 ~ + 100
Note A :
HBM : Human Body Model. Seller gives no other assurances regarding the ability of to
withstand ESD.
l Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
2200
mcd
IF=20mA
Viewing Angle
2θ1/2
120
Deg
Note 2
CIE Chromaticity
x
0.36
CIE Chromaticity
y
0.36
IF=20mA
Forward Voltage
VF
3.20
3.60
V
IF = 20mA
Color Rending Index
CRI
85
Ra
IF=20mA
DRAWING NO. : DS-7A-12-0002
DATE : 2012-2-29
PAGE
3 of 17
PARA-FOR-068
SURFACE MOUNT DEVICE LED
Release
by
PARA LIGHT DCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com