Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L-T670WDT-NW2-R Datasheet(PDF) 14 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # L-T670WDT-NW2-R
Description  SURFACE MOUNT DEVICE LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

L-T670WDT-NW2-R Datasheet(HTML) 14 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button L-T670WDT-NW2-R Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-NW2-R Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-NW2-R Datasheet HTML 11Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-NW2-R Datasheet HTML 12Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-NW2-R Datasheet HTML 13Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-NW2-R Datasheet HTML 14Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-NW2-R Datasheet HTML 15Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-NW2-R Datasheet HTML 16Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-NW2-R Datasheet HTML 17Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
SURFACE MOUNT DEVICE LED
Part No. : LT670WDT-NW2-R
REV: A / 0
l CAUTIONS
1. Static Electricity:
* Static electricity or surge voltage damages the LEDs.
It is recommended that a wrist band or an anti-electrostatic glove be used when handling the LEDs.
* All devices, equipment and machinery must be properly grounded.
It is recommended that measures be taken against surge voltage to the equipment that mounts the LEDs.
* When inspecting the final products in which LEDs were assembled, it is recommended to check
whether the assembled LEDs are damaged by static electricity or not. It is easy to find static-damaged
LEDs by a light-on test or a VF test at a lower current (blew 1mA is recommended).
* Damaged LEDs will show some unusual characteristics such as the leak current remarkably increases,
the forward voltage becomes lower, or the LEDs do not light at the low current.
Criteria: (VF>2.0V,at IF=0.5m A )
2. Storage :
* Before opening the package :
The LEDs should be kept at 30°C or less and 85%RH or less. When storing the LEDs, moisture
proof packaging with absorbent material (silica gel) is recommended.
* After opening the package :
The LEDs should be kept at 30°C or less and 70%RH or less. The LEDs should be soldered within
168 hours (7 days) after opening the package. If unused LEDs remain, they should be stored in
moisture proof packages, such as sealed containers with packages of moisture absorbent material
(silica gel). It is also recommended to return the LEDs to the original moisture poof bag and to
reseal the moisture proof bag again.
If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the
storage time, baking treatment should e performed using the following conditions.
Baking treatment: more than 24hours at 65±5℃.
* Please avoid rapid transitions in ambient temperature in high humidity environments where
condensation may occur.
3. Soldering:
Do not apply any stress to the LED lens during soldering while the LED is at high temperature.
Recommended soldering condition.
* Reflow Soldering :
Pre-heat 120~150°C, 120sec. MAX., Peak temperature : 240°C Max. Soldering time : 10 sec Max.
* Soldering Iron : (Not recommended)
Temperature350°C Max., Soldering time : 3 sec. Max.(one time only), power dissipation of iron :
20W Max. use SN60 solder of solder with silver content and don’t to touch LED lens when soldering.
DRAWING NO. : DS-7A-12-0002
DATE : 2012-2-29
PAGE
14 of 17
PARA-FOR-068
Release
by
PARA LIGHT DCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com