Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L-T670WDT-NW2-R Datasheet(PDF) 5 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # L-T670WDT-NW2-R
Description  SURFACE MOUNT DEVICE LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

L-T670WDT-NW2-R Datasheet(HTML) 5 Page - PARA LIGHT ELECTRONICS CO., LTD.

  L-T670WDT-NW2-R Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-NW2-R Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-NW2-R Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-NW2-R Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-NW2-R Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-NW2-R Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-NW2-R Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-NW2-R Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-NW2-R Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Part No. : LT670WDT-NW2-R
REV: A / 0
l Typical Electro-Optical Characteristics Curves
(25℃ Ambient Temperature Unless Otherwise Noted)
Ta=25℃
IFP=20mA
x
Fig.9 Forward Current vs.Chromaticity Coordinate
1mA
5mA
100mA
20mA
50mA
-30℃
0℃
25℃
50℃
85℃
Fig.8 Ambient Temperature vs.Chromaticity Coordinate
x
Fig.6 Luminous Intensity vs.Ambient Temperature
Ambient Temperature Ta(℃)
40
-20
-40
0.1
0
20
60 80 100
Fig.2 Forward Current Derating Curve
Ambient Temperature Ta(℃)
0
0
20
40
80
60
100
Fig.1 Forward Current vs.Forward Voltage
0.2
1
2
10
20
30
40
50
Fig.3 Relative Luminous Intensity vs.Forward Current
0.7
0.1
0.5 0.3
0.4
0.2
0.6
90°
80°
1.0
0.8
0.9
70°
60°
50°
40°
30°
10°
20°
Fig.5 Spatial Distribution
0.5
200
100
50
30
20
100
20
50
10
5
10
1
Ambient Temperature Ta(℃)
Fig.4 Forward Current Derating Curve
Fig.7 Ambient Temperature vs.Forward Voltage
Ambient Temperature Ta(℃)
Ta=25℃
Ta=25℃
IFP=20mA
Ta=25℃
IFP=60mA
IFP=20mA
IFP=5mA
DRAWING NO. : DS-7A-12-0002
DATE : 2012-2-29
PAGE
5 of 17
PARA-FOR-068
SURFACE MOUNT DEVICE LED
Release
by
PARA LIGHT DCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com