Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3SICS10 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SL3SICS10
Description  Interface fully compatible with UHF EPC G2 standard Long-range solutions
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SL3SICS10 Datasheet(HTML) 6 Page - NXP Semiconductors

  SL3SICS10 Datasheet HTML 1Page - NXP Semiconductors SL3SICS10 Datasheet HTML 2Page - NXP Semiconductors SL3SICS10 Datasheet HTML 3Page - NXP Semiconductors SL3SICS10 Datasheet HTML 4Page - NXP Semiconductors SL3SICS10 Datasheet HTML 5Page - NXP Semiconductors SL3SICS10 Datasheet HTML 6Page - NXP Semiconductors SL3SICS10 Datasheet HTML 7Page - NXP Semiconductors SL3SICS10 Datasheet HTML 8Page - NXP Semiconductors SL3SICS10 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
129430
© NXP B.V. 2006. All rights reserved.
Product short data sheet
Rev. 3.0 — 20 September 2006
6 of 9
NXP Semiconductors
SL3 ICS 10
UCODE EPC G2
6.
Command Overview
The UCODE EPC G2 supports the command set in accordance with EPCTM
Radio-Frequency Identity Protocols Class-1 Generation-2 UHF RFID Protocol for
Communications at 860 MHz to 960 MHz, Version 1.0.9.
Table 2 lists the full set of Mandatory commands as well as Optional commands. The
implemented Custom commands are enabled in conformance with the EPCglobal
specification and are specified within the Product data sheet for UCODE EPC G2.
Table 2.
Command Overview
Command Overview
Code
Mandatory
QueryRep
00
ACK
01
Query
1000
QueryAdjust
1001
Select
1010
NAK
11000000
Req_RN
11000001
Read
11000010
Write
11000011
Kill
11000100
Lock
11000101
Optional
Access
11000110
BlockWrite
11000111
Custom
BlockLock
11100000 00000000
ChangeEAS
11100000 00000011
EASAlarm
11100000 00000100



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com