Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3SICS10 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SL3SICS10
Description  Interface fully compatible with UHF EPC G2 standard Long-range solutions
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SL3SICS10 Datasheet(HTML) 1 Page - NXP Semiconductors

  SL3SICS10 Datasheet HTML 1Page - NXP Semiconductors SL3SICS10 Datasheet HTML 2Page - NXP Semiconductors SL3SICS10 Datasheet HTML 3Page - NXP Semiconductors SL3SICS10 Datasheet HTML 4Page - NXP Semiconductors SL3SICS10 Datasheet HTML 5Page - NXP Semiconductors SL3SICS10 Datasheet HTML 6Page - NXP Semiconductors SL3SICS10 Datasheet HTML 7Page - NXP Semiconductors SL3SICS10 Datasheet HTML 8Page - NXP Semiconductors SL3SICS10 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1.
General description
The EPC global UHF Generation 2 Standard allows the commercialised provision of mass
adaption of UHF EPC technology for passive smart tags and labels. Main fields of
applications will be especially the supply chain management and logistics for worldwide
use with especial consideration of European and US regulations to ensure that operating
distances of several meters can be realized.
The UCODE EPC G2 IC is a dedicated chip for passive, intelligent tags and labels
supporting the EPCglobal Class 1 Generation 2 UHF RFID standard. It is especially
suited for applications where operating distances of several meters and high anti-collision
rates are required.
The UCODE EPC G2 IC is a product out of the NXP Semiconductors UCODE product
family. The entire UCODE product family offers anti-collision and collision arbitration
functionality. This allows a reader to simultaneously operate multiple labels/tags within its
antenna field. A UCODE EPC G2 based label/tag requires no external power supply.
Its contactless interface generates the power supply via the antenna circuit by propagative
energy transmission from the interrogator (read/write device), while the system clock is
generated by an on-chip oscillator. Data transmitted from interrogator to label/tag is
demodulated by the interface, and it also modulates the interrogator’s electromagnetic
field for data transmission from label/tag to interrogator. A label/tag can be operated
without the need for line of sight or battery, as long as it is connected to a dedicated
antenna for the targeted frequency range. When the label/tag is within the interrogator’s
operating range, the high-speed wireless interface allows data transmission in both
directions.
SL3 ICS 10
UCODE EPC G2
Rev. 3.0 — 20 September 2006
Product short data sheet
129430


Similar Part No. - SL3SICS10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SL3S1002AC0 NXP-SL3S1002AC0 Datasheet
1Mb / 56P
512-bit user memory (G2XM only)
Rev. 3.6-10 March 2011
SL3S1002AC2 NXP-SL3S1002AC2 Datasheet
1Mb / 56P
512-bit user memory (G2XM only)
Rev. 3.6-10 March 2011
SL3S1002FTB1 NXP-SL3S1002FTB1 Datasheet
1Mb / 56P
512-bit user memory (G2XM only)
Rev. 3.6-10 March 2011
SL3S1002FTB1 NXP-SL3S1002FTB1 Datasheet
254Kb / 51P
UCODE G2XM and G2XL
Rev. 3.7-9 October 2012
SL3S1002FTB1,115 NXP-SL3S1002FTB1,115 Datasheet
254Kb / 51P
UCODE G2XM and G2XL
Rev. 3.7-9 October 2012
More results

Similar Description - SL3SICS10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
XRA00 STMICROELECTRONICS-XRA00 Datasheet
492Kb / 40P
UHF, EPCglobal, Contactless Memory IC 96 bit ePC with Inventory and Kill Function
21-Oct-2005
logo
WJ Communication. Inc.
MPR5000 WJCI-MPR5000 Datasheet
546Kb / 2P
EPC Class 0/1 and 0 with Integral UHF Antenna
logo
ams AG
AS3990 AMSCO-AS3990 Datasheet
89Kb / 2P
UHF RFID single chip reader EPC Class1 Gen2 compatible
logo
YUXIANG Magnetc materia...
EPC10 YUXIANG-EPC10 Datasheet
100Kb / 2P
EPC CORES
logo
AAEON Technology
TF-PER-M04 AAEON-TF-PER-M04 Datasheet
146Kb / 1P
Fully Compatible With Skype Software
logo
Bourns Electronic Solut...
MF-SM300-2 BOURNS-MF-SM300-2 Datasheet
290Kb / 4P
Fully compatible with current industry standards
logo
Texas Instruments
LM5071 TI-LM5071 Datasheet
1Mb / 24P
Compatible with 12V AC Adapters, Fully Compliant 802.3af Power Interface Port
logo
Grayhill, Inc
3D32XK-200 GRAYHILL-3D32XK-200 Datasheet
1Mb / 2P
INTUITIVE HUMAN INTERFACE SOLUTIONS
logo
ams AG
AS3992-BQFP AMSCO-AS3992-BQFP Datasheet
123Kb / 3P
UHF RFID Single Chip Reader EPC Class1 Gen2 Compatible
logo
DB Lectro Inc
LTC100 DBLECTRO-LTC100 Datasheet
278Kb / 1P
Fully compatible with PC serial COM ports
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com