Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3SICS10 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SL3SICS10
Description  Interface fully compatible with UHF EPC G2 standard Long-range solutions
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SL3SICS10 Datasheet(HTML) 2 Page - NXP Semiconductors

  SL3SICS10 Datasheet HTML 1Page - NXP Semiconductors SL3SICS10 Datasheet HTML 2Page - NXP Semiconductors SL3SICS10 Datasheet HTML 3Page - NXP Semiconductors SL3SICS10 Datasheet HTML 4Page - NXP Semiconductors SL3SICS10 Datasheet HTML 5Page - NXP Semiconductors SL3SICS10 Datasheet HTML 6Page - NXP Semiconductors SL3SICS10 Datasheet HTML 7Page - NXP Semiconductors SL3SICS10 Datasheet HTML 8Page - NXP Semiconductors SL3SICS10 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
129430
© NXP B.V. 2006. All rights reserved.
Product short data sheet
Rev. 3.0 — 20 September 2006
2 of 9
NXP Semiconductors
SL3 ICS 10
UCODE EPC G2
2.
Features
2.1 Key features
Interface fully compatible with UHF EPC G2 standard
Long-range solutions
Suitable for UHF RFID, allowing one IC to be used worldwide
Fast data rate
Forward link: 40 to 160 kbits/s
Return link: 40 to 640 kbits/s
512-bit of on-chip memory
96-bit EPC
64-bit tag Identifier
224-bit programmable user memory
32-bit access password
32-bit kill password
Runs on the same hardware infrastructure as the UCODE HSL and the UCODE
EPC1.19
2.2 Key benefits
Tags/labels and readers available from various suppliers
First UHF EPC product operating worldwide
Highly advanced anti-collision resulting in highest identification speed
Reliable and robust RFID technology suitable for dense reader and noisy environment
Secure UHF communication; readers do not transmit EPC data
Broadest industry back-up - EPCglobal and ISO 18000-6C
Reader portfolio covers all regional demands
2.3 RF Interface Features
Contact-less transmission of data and supply energy (no battery needed)
Long-range operating distance
Operating frequency within the released operating bands from 860 MHz to 960 MHz
High data integrity: 16-bit CRC, framing
High anti-collision and inventory speed
Data rates:
R -> T: 40 to 160 kbps,
T -> R: 40 to 465 kbps (Divide ratio DR = 8) or 95 to 640 kbps (DR = 64/3)
Uses a slotted random anti-collision algorithm where the UCODE EPC G2 IC loads a
random (or pseudo-random) number into a slot counter, decrement this slot counter
based on interrogator commands, and reply to the interrogator when their slot counter
reaches zero. Supports the full mandatory command set as well as optional and
Customer commands according to the standard



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com