Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAMX-000950-1225MT-R3 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAMX-000950-1225MT-R3
Description  Silicon Doubled Balanced HMIC Mixer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMX-000950-1225MT-R3 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAMX-000950-1225MT-R3 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMX-000950-1225MT-R3 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAMX-000950-1225MT-R3 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAMX-000950-1225MT-R3 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Silicon Doubled Balanced HMIC Mixer
700 - 1200 MHz
Rev. V3
MAMX-000950-1225MT
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications @ +25 °C
Parameter
Frequency
Range
Test Conditions
Units
Min.
Typ.
Max.
Conversion Loss
850 MHz
0.7-1.2 GHz
LO Drive = +10 dBm
RF = -10 dBm, IF = 60 MHz
DB
7.0
8.1
8.0
10.5
L - R Isolation
850 MHz
0.7-1.2 GHz
LO Drive = +10 dBm
RF Level = -10 dBm
DB
26.0
20.5
L - I Isolation
850 MHz
0.7-1.2 GHz
LO Drive = +10 dBm
RF Level = -10 dBm
DB
26.5
27.0
R - I Isolation
850 MHz
0.7-1.2 GHz
LO Drive = +10 dBm
RF Level = -10 dBm
DB
27.5
24.0
RF VSWR
850 MHz
0.7-1.2 GHz
LO Drive = +10 dBm
RF Level = -10 dBm
1.6:1
2.5:1
-
-
IF VSWR
DC - 400 MHz
LO Drive = +10 dBm
RF Level = -10 dBm
1.05:1
-
Input IP3
850 MHz
0.7-1.2 GHz
LO Drive = +10 dBm
RF = -5 dBm, IF = 60 MHz
dBm
18.5
13.0
20.5
18.0
Input 1 dB Compression
850 MHz
0.7-1.2 GHz
LO Drive = +10 dBm
IF = 60 MHz
dBm
4.3
5.6
IF 1 dB Bandwidth
DC - 400 MHz
LO = 850 MHz @ +5dBm
MHz
0
400.0
LO VSWR
850 MHz
0.7-1.2 GHz
LO Drive = +10 dBm
RF Level = -10 dBm
1.8:1
1.8:1
-
-



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com