Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAMX-000950-1225MT-R3 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAMX-000950-1225MT-R3
Description  Silicon Doubled Balanced HMIC Mixer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMX-000950-1225MT-R3 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAMX-000950-1225MT-R3 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMX-000950-1225MT-R3 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAMX-000950-1225MT-R3 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAMX-000950-1225MT-R3 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Silicon Doubled Balanced HMIC Mixer
700 - 1200 MHz
Rev. V3
MAMX-000950-1225MT
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves (LO Drive = +10 dBm, RF = -10 dBm, IF = 60 MHz)
RF and IF VSWR
Third Order Intercept and Input 1 dB
Compression Power
Isolation
Conversion Loss
Conversion Loss Characterization
Average Plots
PLO Drive = 7, 10, 13dBm, PRF = -10dBm, f IF = LS - 60MHz
-11.00
-10.50
-10.00
-9.50
-9.00
-8.50
-8.00
-7.50
-7.00
-6.50
-6.00
700
725
750
775
800
825
850
875
900
925
950
975 1000 1025 1050 1075 1100 1125 1150 1175 1200
FREQUENCY (MHz)
PLO=7dBm
PLO=10dBm
PLO=13dBm
ISOLATION
VS FREQUENCY
PLO = +10dBm , fIF = LS 60MHz
-35.00
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
700
725
750
775
800
825
850
875
900
925
950
975 1000 1025 1050 1075 1100 1125 1150 1175 1200
FREQUENCY (MHz)
(ISO L - I)
(ISO L - R)
(ISO R - I)
VSWR TYP
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
700
725
750
775
800
825
850
875
900
925
950
975 1000 1025 1050 1075 1100 1125 1150 1175 1200
50
75
100
125
150
175
200
225
250
275
300
325
350
375
400
425
450
475
500
FREQUENCY (MHz)
I -Port
L -Port
R -Port
P
(LO) = +10dBm , P(RF) = -10dBm , f(IF) = LS60M Hz
Ip3 & 1dB Compression Pt.
P(LO) Drive = 7,10,13dBm, P(RF) = -10dBm, f(IF) = LS60MHz
0
5
10
15
20
25
700
750
800
850
900
950
1000
1050
1100
1150
1200
FREQUENCY (MHz)
PLO=7dBm
PLO=10dBm
PLO=13dBm
Typical 1dB
Compression



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com