Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAMX-000950-1225MT-R3 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAMX-000950-1225MT-R3
Description  Silicon Doubled Balanced HMIC Mixer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMX-000950-1225MT-R3 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAMX-000950-1225MT-R3 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMX-000950-1225MT-R3 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAMX-000950-1225MT-R3 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAMX-000950-1225MT-R3 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
Silicon Doubled Balanced HMIC Mixer
700 - 1200 MHz
Rev. V3
MAMX-000950-1225MT
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
SOT-25 Dimensions
3,4
Case Style - SOT-25
Ordering Information
Part Number
Package
MAMX-000950-1225MT
Tape and Reel
Dim
Inches
Millimeters
Min.
Max.
Min.
Max.
A
.1103
.1181
2.80
3.10
B
.1023
.1181
2.6
3.00
C
0.0355
.0512
0.9
1.30
D
0.0591
.0669
1.5
1.70
E
.0374 REF.
0.95 REF.
F
.0138
.0197
.35
.50
G
.0031
0.0079
.08
0.2
H
.0002
.0059
.05
.15
J
.0138
.0216
.35
.55
3. Dimensions do not include mold flas, protrusion or gate burrs
which shall not exceed 0.0098 in (.25mm) per side.
4. Leads Coplanarity should be 0.003 (0.08) max.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com