Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAMXSS0013 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAMXSS0013
Description  Low Cost MMIC Mixer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMXSS0013 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAMXSS0013 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMXSS0013 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAMXSS0013 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAMXSS0013 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Low Cost MMIC Mixer
1400 - 2100 MHz
Rev. V2
MAMXSS0013
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• +12 dBm Input Power @ 1 dB Compression
• High Isolation, 28 dB LO to RF
• +3 to +8 dBm LO Drive Level
• DC - 500 MHz 3 dB IF Bandwidth
• Does not require DC bias
• Lead-Free SOT-25 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of MD54-0006
Description
M/A-COM’s MAMXSS0013 is a passive mixer that
achieves the performance of a double balanced
diode mixer in a lead-free SOT-25 package. The
MAMXSS0013 is ideally suited for use where high
level RF signals and very wide dynamic range are
required. Typical applications include frequency up/
down conversion, modulation and demodulation in
receivers and transmitters for base station and
portable systems.
The MAMXSS0013 uses FETs as mixing elements
to achieve very wide dynamic range in a low cost
plastic package. The mixer operates with LO drive
levels of +3 dBm to +8 dBm. The LO port may be
externally tuned for operation in various frequency
bands.
M/A-COM’s MAMXSS0013 is fabricated using a
mature 0.5 micron gate length GaAs MESFET
process. The process features full passivation for
increased
performance
and
reliability.
The
MAMXSS0013 is 100% RF tested to ensure
performance specification compliance.
Pin Configuration
Pin No.
Pin Name
Description
1
LO Port
LO Input
2
Ground
Ground
3
Ground
Ground
4
RF Port
RF Input
5
IF Port
IF Output
Functional Block Diagram
Part Number
Package
MAMXSS0013
Bulk Packaging
MAMXSS0013TR-3000
3000 piece reel
MAMX-000013-001SMB
Sample Board 1500 MHz
MAMX-000013-002SMB
Sample Board 1710 MHz
MAMX-000013-003SMB
Sample Board 2300 MHz
Part
1500 MHz
1710 MHz
2300 MHz
R1
470 Ω
470 Ω
820 Ω
L1
6.8 nH
4.7 nH
2.7 nH
C1
3.3 pF
2.2 pF
2.2 pF
LO Frequency
External Circuitry Parts List
2,3
2. The external LO matching network allows tuning from 1400
MHz to 2300 MHz.
The networks given above are
intended to serve as guidelines for matching in different bands.
3. All
off-chip
components
are
low-cost
surface
mount
components obtainable from multiple sources (0.060 in. x
0.030 in. or 0.080 in. x 0.050 in).
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
1. Reference Application Note M513 for reel size information.
Ordering Information
1


Similar Part No. - MAMXSS0013

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAMXSS0013 MACOM-MAMXSS0013 Datasheet
176Kb / 4P
Low Cost MMIC Mixer 1400 - 2100 MHz
logo
M/A-COM Technology Solu...
MAMXSS0013 MA-COM-MAMXSS0013 Datasheet
149Kb / 4P
Low Cost MMIC Mixer 1400 - 2100 MHz
logo
Tyco Electronics
MAMXSS0013TR-3000 MACOM-MAMXSS0013TR-3000 Datasheet
176Kb / 4P
Low Cost MMIC Mixer 1400 - 2100 MHz
logo
M/A-COM Technology Solu...
MAMXSS0013 MA-COM-MAMXSS0013_15 Datasheet
149Kb / 4P
Low Cost MMIC Mixer
More results

Similar Description - MAMXSS0013

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD54-0005 MACOM-MD54-0005 Datasheet
68Kb / 4P
Low Cost MMIC Mixer 800 - 1000 MHz
MD54-0007 MACOM-MD54-0007 Datasheet
141Kb / 3P
Low Cost MMIC Mixer, 2.1 - 2.7 GHz
MAMXSS0012 MACOM-MAMXSS0012 Datasheet
176Kb / 3P
Low Cost MMIC Mixer 800 - 1000 MHz
MAMXSS0013 MACOM-MAMXSS0013 Datasheet
176Kb / 4P
Low Cost MMIC Mixer 1400 - 2100 MHz
logo
M/A-COM Technology Solu...
MAMXSS0012 MA-COM-MAMXSS0012 Datasheet
95Kb / 3P
Low Cost MMIC Mixer 800 - 1000 MHz
MD54-0006 MA-COM-MD54-0006 Datasheet
132Kb / 4P
Low Cost MMIC Mixer 1400 - 2100 MHz
MD54-0007 MA-COM-MD54-0007 Datasheet
81Kb / 2P
Low Cost MMIC Mixer 2.1 - 2.7 GHz
MAMXSS0012 MA-COM-MAMXSS0012 Datasheet
95Kb / 3P
Low Cost MMIC Mixer
MAMXSS0013 MA-COM-MAMXSS0013_15 Datasheet
149Kb / 4P
Low Cost MMIC Mixer
MAMXSS0012 MA-COM-MAMXSS0012_15 Datasheet
95Kb / 3P
Low Cost MMIC Mixer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com