Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSST112 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # JSST112
Description  N-Channel JFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

JSST112 Datasheet(HTML) 1 Page - Vishay Siliconix

  JSST112 Datasheet HTML 1Page - Vishay Siliconix JSST112 Datasheet HTML 2Page - Vishay Siliconix JSST112 Datasheet HTML 3Page - Vishay Siliconix JSST112 Datasheet HTML 4Page - Vishay Siliconix JSST112 Datasheet HTML 5Page - Vishay Siliconix JSST112 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
J/SST111 Series
Vishay Siliconix
Document Number: 70232
S-04028—Rev. E, 04-Jun-01
www.vishay.com
7-1
N-Channel JFETs
J111
SST111
J112
SST112
J113
SST113
PRODUCT SUMMARY
Part Number
VGS(off) (V)
rDS(on) Max (
W)
ID(off) Typ (pA)
tON Typ (ns)
J/SST111
–3 to –10
30
5
4
J/SST112
–1 to –5
50
5
4
J/SST113
v–3
100
5
4
FEATURES
BENEFITS
APPLICATIONS
D Low On-Resistance: 111 < 30 W
D Fast Switching—tON: 4 ns
D Low Leakage: 5 pA
D Low Capacitance: 3 pF
D Low Insertion Loss
D Low Error Voltage
D High-Speed Analog Circuit Performance
D Negligible “Off-Error,” Excellent Accuracy
D Good Frequency Response, Low Glitches
D Eliminates Additional Buffering
D Analog Switches
D Choppers
D Sample-and-Hold
D Normally “On” Switches
D Current Limiters
DESCRIPTION
The J/SST111 series consists of all-purpose analog switches
designed to support a wide range of applications.
The
J/SST113 are useful in a high-gain amplifier mode.
The J series, TO-226AA (TO-92) plastic package, provides
low cost, while the SST series, TO236 (SOT-23) package,
provides surface-mount capability. Both the J and SST series
are available in tape-and-reel for automated assembly (see
Packaging Information).
For similar products in TO-206AA(TO-18) packaging, see the
2N/PN/SST4391
series,
2N4856A/4857A/4858A,
and
2N5564/5565/5566 (duals) data sheets.
TO-226AA (TO-92)
Top View
J111
J112
J113
D
G
S
1
2
3
D
S
G
TO-236 (SOT-23)
2
3
1
Top View
SST111 (C1)*
SST112 (C2)*
SST113 (C3)*
*Marking Code for TO-236
ABSOLUTE MAXIMUM RATINGS
Gate-Drain, Gate-Source Voltage
–35 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Gate Current
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (1/16” from case for 10 seconds)
300
_C
. . . . . . . . . . . . . .
Storage Temperature
–55 to 150
_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature
–55 to 150
_C
. . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipationa
(TO-236)
350 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(TO-226AA)
360 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes
a.
Derate 2.8 mW/
_C above 25_C
For applications information see AN105.


Similar Part No. - JSST112

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
JSST108 VISHAY-JSST108 Datasheet
73Kb / 6P
N-Channel JFETs
04-Jun-01
JSST174 VISHAY-JSST174 Datasheet
81Kb / 7P
P-Channel JFETs
04-Jun-01
JSST174 VISHAY-JSST174 Datasheet
62Kb / 7P
P-Channel JFETs
04-Jun-01
JSST174 VISHAY-JSST174 Datasheet
62Kb / 7P
P-Channel JFETs
04-Jun-01
JSST174 VISHAY-JSST174 Datasheet
62Kb / 7P
P-Channel JFETs
04-Jun-01
More results

Similar Description - JSST112

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
J105 VISHAY-J105 Datasheet
39Kb / 5P
N-Channel JFETs
04-Jun-01
2N5432 VISHAY-2N5432 Datasheet
44Kb / 5P
N-Channel JFETs
04-Jun-01
2N4416 VISHAY-2N4416 Datasheet
103Kb / 7P
N-Channel JFETs
24-Jan-05
2N4338 VISHAY-2N4338 Datasheet
56Kb / 6P
N-Channel JFETs
04-Jun-01
2N5484 VISHAY-2N5484_07 Datasheet
108Kb / 8P
N-Channel JFETs
24-Jan-05
2N5432 VISHAY-2N5432_07 Datasheet
74Kb / 6P
N-Channel JFETs
04-Jun-01
2N4391 VISHAY-2N4391 Datasheet
82Kb / 7P
N-Channel JFETs
04-Jan-01
J107-E3 VISHAY-J107-E3 Datasheet
64Kb / 6P
N-Channel JFETs
04-Jun-01
SST4416-E3 VISHAY-SST4416-E3 Datasheet
57Kb / 7P
N-Channel JFETs
04-Jun-01
SST4117A VISHAY-SST4117A Datasheet
74Kb / 6P
N-Channel JFETs
28-Jun-04
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com