Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSST112 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # JSST112
Description  N-Channel JFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

JSST112 Datasheet(HTML) 4 Page - Vishay Siliconix

  JSST112 Datasheet HTML 1Page - Vishay Siliconix JSST112 Datasheet HTML 2Page - Vishay Siliconix JSST112 Datasheet HTML 3Page - Vishay Siliconix JSST112 Datasheet HTML 4Page - Vishay Siliconix JSST112 Datasheet HTML 5Page - Vishay Siliconix JSST112 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
J/SST111 Series
Vishay Siliconix
www.vishay.com
7-4
Document Number: 70232
S-04028—Rev. E, 04-Jun-01
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
1 pA
Noise Voltage vs. Frequency
100
10
1
10
100
1 k
100 k
10 k
ID = 10 mA
Forward Transconductance and Output Conductance
vs. Gate-Source Cutoff Voltage
50
0
0
–2
–10
500
250
0
gfs
gos
gfs and gos @ VDS = 20 V
VGS = 0 V, f = 1 kHz
Gate Leakage Current
030
1 nA
100 pA
10 pA
0.1 pA
TA = 125_C
TA = 25_C
1 mA
IGSS @ 25
_C
10 nA
ID = 10 mA
Common-Gate Input Admittance
100
10
1
0.1
100
1000
200
500
gig
big
VDG = 10 V
ID = 10 mA
TA = 25_C
Common-Gate Forward Admittance
Common-Gate Reverse Admittance
100
10
1
0.1
100
1000
200
500
–gfg
bfg
gfg
VDG = 10 V
ID = 10 mA
TA = 25_C
10
1.0
0.1
0.01
100
1000
200
500
VDG = 10 V
ID = 10 mA
TA = 25_C
–grg
–brg
+grg
VDG – Drain-Gate Voltage (V)
VGS(off) – Gate-Source Cutoff Voltage (V)
f – Frequency (Hz)
f – Frequency (MHz)
f – Frequency (MHz)
f – Frequency (MHz)
40
30
20
10
–4
–6
–8
IGSS @ 125
_C
10 mA
1 mA
6
121824
VDS = 10 V
ID = 1 mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com