Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSST112 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # JSST112
Description  N-Channel JFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

JSST112 Datasheet(HTML) 2 Page - Vishay Siliconix

  JSST112 Datasheet HTML 1Page - Vishay Siliconix JSST112 Datasheet HTML 2Page - Vishay Siliconix JSST112 Datasheet HTML 3Page - Vishay Siliconix JSST112 Datasheet HTML 4Page - Vishay Siliconix JSST112 Datasheet HTML 5Page - Vishay Siliconix JSST112 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
J/SST111 Series
Vishay Siliconix
www.vishay.com
7-2
Document Number: 70232
S-04028—Rev. E, 04-Jun-01
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
J/SST111
J/SST112
J/SST113
Parameter
Symbol
Test Conditions
Typa
Min
Max
Min
Max
Min
Max
Unit
Static
Gate-Source
Breakdown Voltage
V(BR)GSS
IG = –1 mA , VDS = 0 V
–55
–35
–35
–35
V
Gate-Source Cutoff Voltage
VGS(off)
VDS = 5 V, ID = 1 mA
–3
–10
–1
–5
–3
V
Saturation Drain Currentb
IDSS
VDS = 15 V, VGS = 0 V
20
5
2
mA
VGS = –15 V, VDS = 0 V
–0.005
–1
–1
–1
Gate Reverse Current
IGSS
TA = 125_C
–3
nA
Gate Operating Current
IG
VDG = 15 V, ID = 10 mA
–5
pA
VDS = 5 V, VGS = –10 V
0.005
1
1
1
Drain Cutoff Current
ID(off)
TA = 125_C
3
nA
Drain-Source On-Resistance
rDS(on)
VGS = 0 V, VDS = 0.1 V
30
50
100
W
Gate-Source Forward Voltage
VGS(F)
IG = 1 mA , VDS = 0 V
0.7
V
Dynamic
Common-Source Forward
Transconductance
gfs
VDS = 20 V, ID = 1 mA
6
mS
Common-Source
Output Conductance
gos
VDS = 20 V, ID = 1 mA
f = 1 kHz
25
mS
Drain-Source On-Resistance
rds(on)
VGS = 0 V, ID = 0 mA
f = 1 kHz
30
50
100
W
Common-Source
Input Capacitance
Ciss
VDS = 0 V, VGS =
-10 V
7
12
12
12
Common-Source Reverse Transfer
Capacitance
Crss
VDS = 0 V, VGS =
-10 V
f = 1 MHz
3
5
5
5
pF
Equivalent Input
Noise Voltage
en
VDG = 10 V, ID = 1 mA
f = 1 kHz
3
nV
√Hz
Switching
td(on)
2
Turn-On Time
tr
VDD = 10 V, VGS(H) = 0 V
2
td(off)
VDD = 10 V, VGS(H) = 0 V
See Switching Circuit
6
ns
Turn-Off Time
tf
15
Notes
a.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
NCB
b.
Pulse test: PW
v300 ms duty cycle v3%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com