Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTFD18B Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # UTFD18B
Description  The plastic circular connector with metal locking
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UTFD18B Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button UTFD18B Datasheet HTML 9Page - List of Unclassifed Manufacturers UTFD18B Datasheet HTML 10Page - List of Unclassifed Manufacturers UTFD18B Datasheet HTML 11Page - List of Unclassifed Manufacturers UTFD18B Datasheet HTML 12Page - List of Unclassifed Manufacturers UTFD18B Datasheet HTML 13Page - List of Unclassifed Manufacturers UTFD18B Datasheet HTML 14Page - List of Unclassifed Manufacturers UTFD18B Datasheet HTML 15Page - List of Unclassifed Manufacturers UTFD18B Datasheet HTML 16Page - List of Unclassifed Manufacturers UTFD18B Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
250
100
0.4µm of gold
min
Gold flash
Silver
Tin
5mA
5mV
Contact
size
#20
#12
#16
#8
Vibration
Number of
cycles
Current /
Voltage
13
UTG Series
Contact plating selector guide
As soon as you know what contact size you need, you next have to decide on which type to use.
Souriau proposes mainly two different types of electrical contacts:
- Machined
- Stamped & formed
Machined contacts are generally chosen for low quantities purpose as well as a better solution for power applications.
Stamped & formed contacts offer the ability to be crimped automatically which makes them more suitable for high volume production
applications.
Then comes the question: What plating should I choose ?
Hereunder is a graph with criteria to guide you:
NB: do not mix different plating (e.g. tin plated pin contact with gold plated socket contact).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com