Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTFD18B Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # UTFD18B
Description  The plastic circular connector with metal locking
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UTFD18B Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button UTFD18B Datasheet HTML 16Page - List of Unclassifed Manufacturers UTFD18B Datasheet HTML 17Page - List of Unclassifed Manufacturers UTFD18B Datasheet HTML 18Page - List of Unclassifed Manufacturers UTFD18B Datasheet HTML 19Page - List of Unclassifed Manufacturers UTFD18B Datasheet HTML 20Page - List of Unclassifed Manufacturers UTFD18B Datasheet HTML 21Page - List of Unclassifed Manufacturers UTFD18B Datasheet HTML 22Page - List of Unclassifed Manufacturers UTFD18B Datasheet HTML 23Page - List of Unclassifed Manufacturers UTFD18B Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Fibre optic contacts
POF Contact (Plastic Optical Fibre)
Ordering information
Part numbers
Descriptions
80WD0005
Stripping tool
80WD0025
Automatic stripping tool for Ø 0.5 mm,
0.6 mm, 0.7 mm & 3.8 mm
80WM0006
Ruler
80WP0005
Polishing plate
80WP0013
Non slip base (to hold the polishing plate)
80WP0014
Polishing disk (grain size 9µm)
80WP0018
Polishing tool
80WP0019
Polishing disk (grain size 30µm)
80WS0002
Crimping plier
STANDARD TOOLING KIT - P/N
80MS0004
The
standard tooling kit is made of the part numbers below
that can be ordered separately as well.
Part numbers
Descriptions
80WG0010
Needle
80WG0015
Capsule
80WG0016
Syringe
80WN0005
Dry air spray
80WN0006
Optical paper
80WN0012
Dropping bottle
80WN0008
Wiping solvent
SPECIFIC TOOLING LIST - can be ordered only separately
POF Contacts (Plastic Optical Fibre)
Male contact .....................................................
RMPOF1000
Female contact...............................................
RCPOF1000B
20
UTG Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com