Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTFD18B Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # UTFD18B
Description  The plastic circular connector with metal locking
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UTFD18B Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button UTFD18B Datasheet HTML 22Page - List of Unclassifed Manufacturers UTFD18B Datasheet HTML 23Page - List of Unclassifed Manufacturers UTFD18B Datasheet HTML 24Page - List of Unclassifed Manufacturers UTFD18B Datasheet HTML 25Page - List of Unclassifed Manufacturers UTFD18B Datasheet HTML 26Page - List of Unclassifed Manufacturers UTFD18B Datasheet HTML 27Page - List of Unclassifed Manufacturers UTFD18B Datasheet HTML 28Page - List of Unclassifed Manufacturers UTFD18B Datasheet HTML 29Page - List of Unclassifed Manufacturers UTFD18B Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
26
UTG Series
Multipiece female contact with coax cable
#16 coaxial contacts
Contact assembly with dielectric diameter over 1.4mm - without inner supporting sleeve
Outer female contact
RCDX60-2
Inner pin
RMD26L-1
Outer hyring
YOC074
Strip lengths
of cable
11.13±0.41
4.37±0.41
Step 1:
- Assemble outer hyring onto cable
- Assemble inner pin to inner conductor and crimp
Step 2:
- Insert the assembly into the outer female contact
until the inner pin snaps into place
- The cable braid (shield) should now cover the
barrel of the outer female contact as shown
Step 3:
- Slide outer hyring forward against spring and
crimp in place as shown
Contact assembly with dielectric diameter under 1.4mm - with inner supporting sleeve
Outer female contact
RCDX60-2028
Inner pin
RMD26L-1
Outer hyring
YOC074
Strip lengths
of cable
11.13±0.41
6.35±0.41
Supporting sleeve
RCDXB-055-1
Supporting
sleeve
Outer hyring
Step 1:
- Assemble outer hyring onto cable
- Assemble supporting sleeve over dielectric and under braid
- Assemble inner pin to inner conductor, push back against
sleeve and crimp
Step 2:
- Insert the assembly into the outer female contact
until the inner pin snaps into place
- The cable braid (shield) should now cover the
barrel of the outer female contact as shown
Step 3:
- Slide outer hyring forward against spring and
crimp in place as shown
RCDXK1D28
includes
RCDX602D28
Outer contact
RMD26L1D28
Inner contact
YOC074
Outer hyring
RCDXB0553
Inner supporting
sleeve
Multipiece kit details
Cable stip length
A
B
C
Dielectric
diameter
Cable
reference
Contact
Hyring
complementary
compoments
Outer contact crimp tool
Inner contact crimp tool
Cable strip length
Crimp tool
M10S1J
Crimp tool
M10S1J
Die set
Stop bushing
Die set
Stop bushing
AB
C
RG161U
Female:
RCDXK1D28
YOC074
S221
SL471
S23D2
SL46D2
4.37
-
11.13
RG179
4.37
11.13
RG187U
4.37
11.13
RG188/U
S26D2
4.37
11.13
RG174/U
4.37
11.13
RG178A/U
YOC074 +
RMDXB0553
S23D2
6.35
11.13
RG196U
6.35
11.13
AMPHENOL
21-598
YOC074
-
4.37
11.13
surprenant
pn
8134
-
4.37
11.13
Note : all dimensions are in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com