Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0075 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAPSS0075
Description  Linear Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAPSS0075 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAPSS0075 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAPSS0075 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAPSS0075 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAPSS0075 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAPSS0075 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAPSS0075 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Linear Power Amplifier
2.4 - 2.5 GHz, 802.11b/g
Rev. V2
MAAPSS0075
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Ideal for 802.11b/g
• +26 dBm P1dB Typical at 3.3 V
• 29.5 dB Gain Typical
• 802.11b compliant to 23 dBm POUT
• 802.11g compliant to 19 dBm POUT
• Micro-Amp Shutdown
• Integrated Detector
• SiGe Process: Lowest Cost Solution
• Operates from 1.5 V to 4.0 V
• Lead-Free 3 mm 12-Lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant 260°C Reflow Compatible
Description
The MAAPSS0075 is a three stage power amplifier,
designed for 2.4 GHz linear applications.
This
power amplifier is available in a lead free 3 mm 12-
lead PQFN plastic package. The MAAPSS0075 also
features an integrated power detector.
Functional Schematic
Pin Configuration
2. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
Ordering Information
1
Part Number
Package
MAAPSS0075TR
1000 piece reel
MAAPSS0075TR-3000
3000 piece reel
MAAPSS0075SMB
Sample Test Board
(Includes 5 Samples)
1. Reference Application Note M513 for reel size information.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Pin No.
Pin Name
Description
1
RFIN
RF Input
2
N/C
No Connect
3
VEN1,2
Power Enable
4
VEN3
Power Enable
5
DETOUT
Detector Output
6
DETIN
Detector Input
7
RFOUT / VCC3
RF Output, 3rd Stage Supply
8
RFOUT / VCC3
RF Output, 3rd Stage Supply
9
RFOUT / VCC3
RF Output, 3rd Stage Supply
10
VCC2
2nd Stage Supply
11
N/C
No Connect
12
VCC1
1st Stage Supply
Pad
Paddle2
RF & DC Ground


Similar Part No. - MAAPSS0075

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSS0075 MACOM-MAAPSS0075 Datasheet
160Kb / 6P
Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
M/A-COM Technology Solu...
MAAPSS0075 MA-COM-MAAPSS0075 Datasheet
179Kb / 6P
Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
Tyco Electronics
MAAPSS0075SMB MACOM-MAAPSS0075SMB Datasheet
160Kb / 6P
Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
M/A-COM Technology Solu...
MAAPSS0075SMB MA-COM-MAAPSS0075SMB Datasheet
179Kb / 6P
Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
Tyco Electronics
MAAPSS0075TR MACOM-MAAPSS0075TR Datasheet
160Kb / 6P
Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
More results

Similar Description - MAAPSS0075

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2132 RFMD-RF2132 Datasheet
110Kb / 6P
LINEAR POWER AMPLIFIER
RF2137 RFMD-RF2137 Datasheet
54Kb / 4P
LINEAR POWER AMPLIFIER
RF2132 RFMD-RF2132_06 Datasheet
131Kb / 6P
LINEAR POWER AMPLIFIER
logo
Skyworks Solutions Inc.
AP172-317LF SKYWORKS-AP172-317LF Datasheet
216Kb / 6P
Linear Power Amplifier
logo
M/A-COM Technology Solu...
MAAP-008516 MA-COM-MAAP-008516 Datasheet
277Kb / 6P
Linear Power Amplifier
MAAPSS0075 MA-COM-MAAPSS0075_15 Datasheet
179Kb / 6P
Linear Power Amplifier
logo
RF Micro Devices
RF5117 RFMD-RF5117_11 Datasheet
285Kb / 13P
LINEAR POWER AMPLIFIER
RF5125 RFMD-RF5125_11 Datasheet
842Kb / 15P
LINEAR POWER AMPLIFIER
RF5152 RFMD-RF5152_11 Datasheet
216Kb / 10P
LINEAR POWER AMPLIFIER
logo
M/A-COM Technology Solu...
XP1031-QK-AN0T MA-COM-XP1031-QK-AN0T Datasheet
559Kb / 5P
Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com