Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTB20151 Datasheet(PDF) 2 Page - Ericsson

Part # PTB20151
Description  45 Watts, 1.8-2.0 GHz PCN/PCS Power Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTB20151 Datasheet(HTML) 2 Page - Ericsson

  PTB20151 Datasheet HTML 1Page - Ericsson PTB20151 Datasheet HTML 2Page - Ericsson PTB20151 Datasheet HTML 3Page - Ericsson PTB20151 Datasheet HTML 4Page - Ericsson PTB20151 Datasheet HTML 5Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PTB 20151
2
e
Electrical Characteristics (100% Tested)
Characteristic
Conditions
Symbol
Min
Typ
Max
Units
Breakdown Voltage C to E
VBE = 0 V, IC = 100 mA
V(BR)CES
50
—
—
Volts
Breakdown Voltage C to E
IB = 0 A, IC = 100 mA, RBE = 22 Ω
V(BR)CER
50
—
—
Volts
Breakdown Voltage E to B
IC = 0 A, IE = 5 mA
V(BR)EBO
4.0
5.0
—
Volts
DC Current Gain
VCE = 5 V, IC = 1 A
hFE
20
40
—
—
RF Specifications (100% Tested)
Characteristic
Symbol
Min
Typ
Max
Units
Gain
(VCC = 26 Vdc, POUT = 10 W, ICQ = 100 mA, f = 2 GHz)
Gpe
8.0
9.5
—
dB
Power Output at 1 dB Compression
(VCC = 26 Vdc, POUT = 45 W, ICQ = 100 mA, f = 2 GHz)
P-1dB
45.0
—
—
Watts
Collector Efficiency
(VCC = 26 Vdc, POUT = 45 W, ICQ = 100 mA, f = 2 GHz)
ηC
40
47
—
%
Load Mismatch Tolerance
(VCC = 26 Vdc, POUT = 22.5 W, ICQ = 100 mA,
Ψ
—
—
5:1
—
f = 2 GHz—all phase angles at frequency of test)
Typical Performance
7
8
9
10
11
12
1750
1800
1850
1900
1950
2000
2050
Frequency (MHz)
20
30
40
50
60
70
VCC = 26 V
ICQ = 100 mA
POUT, Gain & Efficiency (at P-1dB) vs. Frequency
Output Power (W)
Efficiency (%)
Gain (dB)
Broadband Test Fixture Performance
0
2
4
6
8
10
1900
1925
1950
1975
2000
Frequency (MHz)
0
10
20
30
40
50
60
VCC = 26 V
ICQ = 100 mA
POUT = 45 W
Gain (dB)
Return Loss (dB)
Efficiency (%)
- 5
-15
-25
-35
5/4/98



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com