Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTB20151 Datasheet(PDF) 3 Page - Ericsson

Part # PTB20151
Description  45 Watts, 1.8-2.0 GHz PCN/PCS Power Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTB20151 Datasheet(HTML) 3 Page - Ericsson

  PTB20151 Datasheet HTML 1Page - Ericsson PTB20151 Datasheet HTML 2Page - Ericsson PTB20151 Datasheet HTML 3Page - Ericsson PTB20151 Datasheet HTML 4Page - Ericsson PTB20151 Datasheet HTML 5Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PTB 20151
3
e
Output Power vs. Supply Voltage
40
45
50
55
60
65
70
22
23
24
25
26
27
Supply Voltage (Volts)
ICQ = 100 mA
f = 2.0 GHz
Intermodulation Distortion vs. Power Output
-42
-40
-38
-36
-34
-32
0
1020304050
Output Power (Watts-PEP)
VCC = 26 V
ICQ = 60 mA
f1 = 1.999 GHz
f2 = 1.998 GHz
Power Gain vs. Output Power
6
7
8
9
10
11
12
0.1
1.0
10.0
100.0
Output Power (Watts)
VCC = 26 V
f = 2.0 GHz
ICQ = 100 mA
ICQ = 50 mA
ICQ = 25 mA
Frequency
Z Source
Z Load
GHz
R
jX
R
jX
1.75
3.15
-1.7
3.3
-0.8
1.80
3.10
-2.7
4.1
-1.2
1.85
3.50
-3.1
4.3
-1.5
1.90
3.70
-2.9
3.3
-1.3
1.95
3.90
-2.7
2.6
-1.1
2.00
4.10
-2.1
2.4
-0.9
2.05
3.75
-1.0
2.3
-0.7
Z Source
Z Load
Impedance Data
(VCC = 26 Vdc, POUT = 45 W, ICQ = 100 mA)
5/11/98



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com