Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTB20151 Datasheet(PDF) 1 Page - Ericsson

Part # PTB20151
Description  45 Watts, 1.8-2.0 GHz PCN/PCS Power Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTB20151 Datasheet(HTML) 1 Page - Ericsson

  PTB20151 Datasheet HTML 1Page - Ericsson PTB20151 Datasheet HTML 2Page - Ericsson PTB20151 Datasheet HTML 3Page - Ericsson PTB20151 Datasheet HTML 4Page - Ericsson PTB20151 Datasheet HTML 5Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
e
1
PTB 20151
45 Watts, 1.8–2.0 GHz
PCN/PCS Power Transistor
0
10
20
30
40
50
60
70
012
3456
789
Input Power (Watts)
VCC = 26 V
ICQ = 100 mA
f = 2.0 GHz
Typical Output Power vs. Input Power
Package 20223
Description
The 20151 is a class AB, NPN common emitter RF power transistor
intended for 26 Vdc operation from 1.8 to 2.0 GHz. Rated at 45 watts
minimum output power for PEP applications, it is specifically intended
for operation as a final or driver stage in CDMA or TDMA systems.
Ion implantation, nitride surface passivation and gold metallization
ensure excellent device reliability. 100% lot traceability is standard.
• 45 Watts, 1.8–2.0 GHz
• Class AB Characteristics
• 40% Collector Efficiency at 45 W
• Gold Metallization
• Silicon Nitride Passivated
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-Emitter Voltage
VCER
50
Vdc
Collector-Base Voltage
VCBO
50
Vdc
Emitter-Base Voltage (collector open)
VEBO
4.0
Vdc
Collector Current (continuous)
IC
7.7
Adc
Total Device Dissipation at Tflange = 25° C
PD
200
Watts
Above 25°C derate by
1.2
W/°C
Storage Temperature Range
TSTG
–40 to +150
°C
Thermal Resistance (Tflange = 70° C)
RθJC
0.85
°C/W
20151
LOT
CODE
9/28/98


Similar Part No. - PTB20151

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20155 ERICSSON-PTB20155 Datasheet
43Kb / 3P
9 Watts, 610-960 MHz UHF Power Transistor
PTB20156 ERICSSON-PTB20156 Datasheet
43Kb / 3P
8 Watts, 1350-1850 MHz Microwave Power Transistor
PTB20157 ERICSSON-PTB20157 Datasheet
45Kb / 3P
20 Watts, 1.35-1.85 GHz RF Power Transistor
More results

Similar Description - PTB20151

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20082 ERICSSON-PTB20082 Datasheet
168Kb / 4P
15 Watts, 1.8-2.0 GHz Cellular Radio RF Power Transistor
PTB20125 ERICSSON-PTB20125 Datasheet
235Kb / 5P
100 Watts, 1.8-2.0 GHz PCN/PCS Power Transistor
PTB20147 ERICSSON-PTB20147 Datasheet
385Kb / 2P
2.5 Watts, 1.8-2.0 GHz Cellular Radio RF Power Transistor
PTB20170 ERICSSON-PTB20170 Datasheet
261Kb / 5P
30 Watts, 1.8-2.0 GHz Cellular Radio RF Power Transistor
PTB20180 ERICSSON-PTB20180 Datasheet
43Kb / 2P
2.5 Watts, 1.8-2.0 GHz Cellular Radio RF Power Transistor
PTB20187 ERICSSON-PTB20187 Datasheet
43Kb / 2P
4 Watts, 1.8-2.0 GHz Cellular Radio RF Power Transistor
PTB20216 ERICSSON-PTB20216 Datasheet
391Kb / 2P
6 Watts, 1.8-2.0 GHz RF Power Transistor
PTB20230 ERICSSON-PTB20230 Datasheet
152Kb / 4P
45 Watts, 1.8-2.0 GHz PCN/PCS Power Transistor
PTF10112 ERICSSON-PTF10112 Datasheet
324Kb / 6P
60 Watts, 1.8-2.0 GHz GOLDMOS Field Effect Transistor
logo
Tyco Electronics
MD59-0021 MACOM-MD59-0021 Datasheet
123Kb / 5P
PCS CDMA LNA / Downconverter 1.8-2.0 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com