Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4SW110-210-310 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SW110-210-310
Description  HMIC??Silicon PIN Diode Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SW110-210-310 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MA4SW110-210-310 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SW110-210-310 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SW110-210-310 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SW110-210-310 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SW110-210-310 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SW110-210-310 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4SW110-210-310 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4SW110-210-310 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MA4SW110-210-310 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or
information contained herein without notice.
V8
MA4SW110
MA4SW210
MA4SW310
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
HMIC™ Silicon PIN Diode Switches
RoHS Compliant
Operation of the MA4SW Series Switches
The simultaneous application of a negative DC current to the
low loss port and positive DC current to the isolated port is
required for proper operation of the MA4SW series of PIN
switches. The backside area of the die is the RF and DC
ground return and the DC return is through the common Port
J1. A constant current source should be used to supply the
DC control currents. The control voltages at these points will
not exceed ±1.5 volts for supply currents up to + 20mA. In
the low loss state, the series diode must be forward biased
and the shunt diode reverse biased. On all isolated ports, the
shunt diode is forward biased and the series diode is reverse
biased.
MA4SW210
DC Control Current RF Output State
RF Output State
J2
J3
J1-J2
J1-J3
-20mA
+20mA
Low Loss
Isolation
+20mA
-20mA
Isolation
Low Loss
Compatible M/A-COM Tech Driver MADR-007097-000100
MA4SW310
DC Control Current
RF Output
State
RF Output
State
RF Output
State
J2
J3
J4
J1-J2
J1-J3
J1-J4
-20mA +20mA +20mA
Low Loss
Isolation
Isolation
+20mA -20mA
+20mA
Isolation
Low Loss
Isolation
+20mA +20mA
-20mA
Isolation
Isolation
Low Loss
Compatible M/A-COM Tech Driver MADR-009190-000100
MA4SW110
DC Control Current
RF Output State
J2
J1-J2
-20mA
Low Loss
+20mA
Isolation
Compatible M/A-COM Tech Driver MADR-007097-000100
Driver Connections and Drivers
Notes:
1.
RLC values are for an operation frequency of 2-18GHz and bias
current of ± 20mA per port..
MA4SW110 and Bias Connections1
20nH
20nH
20pF
20pF
20pF
20pF
100
Ω
J2 BIAS
RF OUTPUT
J2
J1 RF INPUT
Switch
Chip
MA4SW210 and Bias Connections1
J1 RF INPUT
J2 BIAS
J2
RF OUTPUT
J3 BIAS
J3
RF OUTPUT
Switch
Chip
20pF
20pF
20pF
20pF
20pF
20pF
20nH
20nH
20nH
100
Ω
MA4SW310 and Bias Connections1
J2 BIAS
J2
RF OUTPUT
J4
RF OUTPUT
J1 RF INPUT
J4 BIAS
J3 BIAS
J3
RF OUTPUT
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20nH
20nH
20nH
20nH
100
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com