Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4SW110-210-310 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SW110-210-310
Description  HMIC??Silicon PIN Diode Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SW110-210-310 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA4SW110-210-310 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SW110-210-310 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SW110-210-310 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SW110-210-310 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SW110-210-310 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SW110-210-310 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4SW110-210-310 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4SW110-210-310 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MA4SW110-210-310 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or
information contained herein without notice.
V8
MA4SW110
MA4SW210
MA4SW310
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
HMIC™ Silicon PIN Diode Switches
RoHS Compliant
MA4SW110 (SPST)
Electrical Specifications @ TA = +25
oC, 20mA
Parameter
Frequency
Minimum
Nominal
Maximum
Units
6GHz
-
0.4
0.7
dB
Insertion Loss
13GHz
-
0.5
0.9
dB
20GHz
-
0.7
1.2
dB
6GHz
46
55
-
dB
Isolation
13GHz
39
47
-
dB
20GHz
34
42
-
dB
6GHz
22
31
-
dB
Input Return Loss
13GHz
15
33
-
dB
20GHz
14
27
-
dB
Switching Speed1
-
-
20
-
ns
Voltage Rating2
-
-
-
50
V
Signal Compression (500mW)
1GHz
-
0.2
-
dB
MA4SW210 (SPDT)
Electrical Specifications @ TA = +25
oC, 20mA
Parameter
Frequency
Minimum
Nominal
Maximum
Units
6GHz
-
0.4
0.7
dB
Insertion Loss
13GHz
-
0.5
1.0
dB
20GHz
-
0.7
1.2
dB
6GHz
48
63
-
dB
Isolation
13GHz
40
50
-
dB
20GHz
34
42
-
dB
6GHz
20
27
-
dB
Input Return Loss
13GHz
18
25
-
dB
20GHz
15
25
-
dB
Switching Speed1
-
-
20
-
ns
Voltage Rating2
-
-
-
50
V
Signal Compression (500mW)
1GHz
-
0.2
-
dB
Parameter
Frequency
Minimum
Nominal
Maximum
Units
6GHz
-
0.5
0.8
dB
Insertion Loss
13GHz
-
0.7
1.1
dB
20GHz
-
0.9
1.5
dB
6GHz
49
57
-
dB
Isolation
13GHz
42
48
-
dB
20GHz
33
42
-
dB
6GHz
20
24
-
dB
Input Return Loss
13GHz
14
22
-
dB
20GHz
11
21
-
dB
Switching Speed1
-
-
20
-
ns
Voltage Rating2
-
-
-
50
V
Signal Compression (500mW)
1GHz
-
0.2
-
dB
MA4SW310 (SP3T)
Electrical Specifications @ TA = +25
oC, 20mA
1.) Typical Switching Speed measured from 10 % to 90 % of
detected RF signal driven by TTL compatible drivers.
2.) Maximum reverse leakage current in either the shunt or
series PIN diodes shall be 10µA maximum at -50 volts.
1.) Typical Switching Speed measured from 10 % to 90 % of
detected RF signal driven by TTL compatible drivers.
2.) Maximum reverse leakage current in either the shunt or
series PIN diodes shall be 10µA maximum at -50 volts.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com