Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4SW110-210-310 Datasheet(PDF) 9 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SW110-210-310
Description  HMIC??Silicon PIN Diode Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SW110-210-310 Datasheet(HTML) 9 Page - M/A-COM Technology Solutions, Inc.

  MA4SW110-210-310 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SW110-210-310 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SW110-210-310 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SW110-210-310 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SW110-210-310 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SW110-210-310 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4SW110-210-310 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4SW110-210-310 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MA4SW110-210-310 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or
information contained herein without notice.
V8
MA4SW110
MA4SW210
MA4SW310
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
HMIC™ Silicon PIN Diode Switches
RoHS Compliant
ASSEMBLY INSTRUCTIONS
Cleanliness: The chips should be handled in a clean environment free of dust and organic contamination.
Electro-Static Sensitivity: The MA4SW series of PIN diode switches are ESD sensitive and proper precautions
should be taken to avoid damaging the chip. ESD rating is Class 0 (HBM) and Class C1 (CDM).
Wire / Ribbon Bonding: Thermosonic wedge bonding using 0.003” x 0.00025” ribbon or 0.001” diameter gold
wire is recommended. A work stage temperature of 150oC – 200oC, tool tip temperature of 120oC –150oC and a
downward force of 18 to 22 grams should be used. If ultrasonic energy is necessary, it should be adjusted to the
minimum level required to achieve a good bond. Excessive power or force will fracture the silicon beneath the
bond pad causing it to lift. RF bond wires and ribbons should be kept as short as possible for optimum RF
performance.
Chip Mounting: HMIC switches have Ti-Pt-Au backside metallization and can be mounted using a gold-tin
eutectic solder or conductive epoxy. Mounting surface must be free of contamination and flat.
Eutectic Die Attachment: 80/20, gold-tin, solder is recommended. A re-flow oven or hot gas die bonder with a
temperature setting of 290oC is normally used to melt the solder. The chip should not be exposed to temperatures
greater than 320oC for more than 20 seconds. Typically no more than three seconds at peak temperature is
required for attachment. RoHS compliant solders may also be used but solders rich in tin should be avoided as
they will scavenge the backside gold and/or cause gold embrittlement.
Epoxy Die Attachment: A minimum amount of epoxy, 1–2 mils thick, should be used to attach chip. A thin epoxy
fillet should be visible around the outer perimeter of the chip after placement. Epoxy cure time is typically 1 hour
at 150°C.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com