Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM3U167 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SIM3U167
Description  High-Performance, Low-Power, 32-Bit Precision32??USB MCU Family with up to 256 kB of Flash Die in Wafer Form
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SIM3U167 Datasheet(HTML) 1 Page - Silicon Laboratories

  SIM3U167 Datasheet HTML 1Page - Silicon Laboratories SIM3U167 Datasheet HTML 2Page - Silicon Laboratories SIM3U167 Datasheet HTML 3Page - Silicon Laboratories SIM3U167 Datasheet HTML 4Page - Silicon Laboratories SIM3U167 Datasheet HTML 5Page - Silicon Laboratories SIM3U167 Datasheet HTML 6Page - Silicon Laboratories SIM3U167 Datasheet HTML 7Page - Silicon Laboratories SIM3U167 Datasheet HTML 8Page - Silicon Laboratories SIM3U167 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Rev. 1.1 5/14
Copyright © 2014 by Silicon Laboratories
SiM3U167-B-GDI
SiM3U167-B-GDI
High-Performance, Low-Power, 32-Bit Precision32™
USB MCU Family with up to 256 kB of Flash Die in Wafer Form
32-bit ARM® Cortex™-M3 CPU
- 80 MHz maximum frequency
- Single-cycle multiplication, hardware division support
- Nested vectored interrupt control (NVIC) with 16 priority levels
Memory
- 32–256 kB Flash, in-system programmable
- 8–32 kB SRAM (including 4 kB retention SRAM)
- 16-channel DMA controller
- External bus interface supports up to 16 MB of external mem-
ory and a parallel LCD interface with QVGA resolution
Power Management
- Low drop-out (LDO) regulator
- Power-on reset circuit and brownout detectors
- 5–3.3 V 150 mA regulator supports direct USB power
- Adjustable external regulator supports up to 3.6 V, 1000 mA
- Multiple power modes supported for low power optimization
Low Power Features
- 85 nA current mode with voltage supply monitor enabled
- Low-current RTC: 350 nA internal LFO, 620 nA external crystal
- 10 µs wakeup (lowest power mode); 1.5 µs analog setting time
- 275 µA/MHz active current
- Clocks can be gated off from unused peripherals to save power
- Flexible clock divider: Reduce operational frequency up to 128x
Clock Sources
- Internal oscillator with PLL: 23-80 MHz, reduced EMI mode
- USB internal 48 MHz oscillator supports crystal-less operation
- Low power internal oscillator: 20 MHz and 2.5 MHz modes
- Low frequency internal oscillator: 16.4 kHz
- External oscillators: Crystal, RC, C, CMOS and RTC Crystal
Supply Voltage
- 2.7 to 5.5 V (regulator enabled)
- 1.8 to 3.6 V (regulator disabled)
Temperature Range: –40 to +85 °C
Analog Peripherals
- 2 x 12-Bit Analog-to-Digital Converters: Up to 250 ksps 12-bit
mode or 1 Msps 10-bit mode, internal or external reference
- 2 x 10-Bit Current-mode Digital-to-Analog Converters, four-
word buffer enables 12-bit operation
- 2 x Low-current comparators
- 16-Channel Capacitance-to-Digital: Fast, <1 µA wake-on-touch
- 2 x Current-to-Voltage Converter, up to 6 mA input range
Digital and Communication Peripherals
- USB 2.0-compliant full speed with 10 endpoints, 2 kB buffer,
oscillator with automatic frequency correction, and transceiver;
no external components needed
- 2 x USARTs and 2 x UARTs with IrDA and ISO7816 SmartCard
- 3 x SPIs, 2 x I2C, I2S (receive and transmit), 16/32-bit CRC
- 128/192/256-bit Hardware AES Encryption
Timers/Counters
- 2 x 32-bit or 4 x 16-bit timers with capture/compare
- 2 x 16-bit, 2-channel counters with capture/compare/PWM
- 16-bit, 6-channel counter with capture/compare/PWM and
dead-time controller with differential outputs
- 16-bit low power timer/pulse counter operational in sleep
- 32-bit real time clock (RTC) with multiple alarms
- Watchdog timer
Up to 65 Flexible I/O
- Up to 59 contiguous GPIO with two priority crossbars providing
flexibility in pin assignments; 12 x 5 V tolerant GPIO
- Up to 6 programmable high drive capable (5–300 mA, 1.8–6 V)
I/O can drive LEDs, power MOSFETs, buzzers, etc.
On-Chip Debugging
- Serial wire debug (SWD) or JTAG (no boundary scan), serial
wire viewer (SWV)
- Cortex-M3 embedded trace macrocell (ETM)
Full Technical Data Sheet
- SiM3U1xx
ARM Cortex M3 (80 MHz)
32/64/128/256 kB Flash
8/16/32 kB SRAM w/ 4kB Retention
Watchdog
Core / Memory / Support
Serial Wire / JTAG / ETM
Clocking / Oscillators
80 MHz PLL
16 kHz Low Frequency Oscillator
20 MHz Low Power Oscillator
Real-Time Clock w/ Dedicated Crystal
External Oscillator Drive
16-Channel DMA Controller
Analog Peripherals
2 x SAR ADC
(12-bit 250 ksps / 10-bit 1 Msps)
2 x Current-Source DAC
2 x Low Current Comparators
Digital Peripherals
2 x UART, 2 x USART w/ IrDA/SmartCard
2 x I2C
3 x SPI
2 x 32-bit Timers (4 x 16-bit)
Voltage Reference
Power
Power Management Unit
AES
CRC
Low-Power Timer
1.8 V Internal LDO
(Internal Logic and Memory Power)
5 V In, 3.3 V Out LDO
(Direct Power From USB)
16-Channel Capacitive Sense
6-Channel Enhanced PWM
2 x 2-Channel Standard PWM
48 MHz USB Oscillator
2 x Current-to-Voltage Converter
External 1A Regulator
USB 2.0
Full-Speed
MAC/PHY
I2S TX/RX
Supply Monitor
External Parallel I/F


Similar Part No. - SIM3U167

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SIM3U167-B-GM SILABS-SIM3U167-B-GM Datasheet
2Mb / 94P
High-Performance, Low-Power, 32-Bit Precision32??USB MCU Family with up to 256 kB of Flash
SIM3U167-B-GQ SILABS-SIM3U167-B-GQ Datasheet
2Mb / 94P
High-Performance, Low-Power, 32-Bit Precision32??USB MCU Family with up to 256 kB of Flash
More results

Similar Description - SIM3U167

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F850-B-GM SILABS-C8051F850-B-GM Datasheet
2Mb / 290P
Low-Cost 8-bit MCU Family with up to 8 kB of Flash
C8051F85X86X SILABS-C8051F85X86X Datasheet
2Mb / 290P
Low-Cost 8-bit MCU Family with up to 8 kB of Flash
C8051F850-C-GM SILABS-C8051F850-C-GM Datasheet
3Mb / 328P
Low-Cost 8-bit MCU Family with up to 8 kB of Flash
C8051F970-A-GM SILABS-C8051F970-A-GM Datasheet
3Mb / 454P
Low Power Capacitive Sensing MCU with up to 32 kB of Flash
C8051F300-GDI SILABS-C8051F300-GDI Datasheet
210Kb / 9P
8 kB Flash, 8-Bit ADC MCU Die in Wafer Form
C8051F330-GDI SILABS-C8051F330-GDI Datasheet
210Kb / 11P
25 MIPS, 8 kB Flash, 10-Bit DAC, 10-Bit ADC MCU Die in Wafer Form
SIM3C1XX SILABS-SIM3C1XX Datasheet
2Mb / 90P
High-Performance, Low-Power, 32-Bit Precision32??MCU Family with up to 256 kB of Flash
SIM3U1XX SILABS-SIM3U1XX Datasheet
2Mb / 94P
High-Performance, Low-Power, 32-Bit Precision32??USB MCU Family with up to 256 kB of Flash
C8051F85X SILABS-C8051F85X Datasheet
4Mb / 313P
Low-Cost 8-bit MCU Family with up to 8 kB of Flash
Rev. 1.1 2022-11-21
C8051F97X SILABS-C8051F97X Datasheet
16Mb / 455P
Low Power Capacitive Sensing MCU with up to 32 kB of Flash
Rev 1.1 12/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com