Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM3U167 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # SIM3U167
Description  High-Performance, Low-Power, 32-Bit Precision32??USB MCU Family with up to 256 kB of Flash Die in Wafer Form
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SIM3U167 Datasheet(HTML) 3 Page - Silicon Laboratories

  SIM3U167 Datasheet HTML 1Page - Silicon Laboratories SIM3U167 Datasheet HTML 2Page - Silicon Laboratories SIM3U167 Datasheet HTML 3Page - Silicon Laboratories SIM3U167 Datasheet HTML 4Page - Silicon Laboratories SIM3U167 Datasheet HTML 5Page - Silicon Laboratories SIM3U167 Datasheet HTML 6Page - Silicon Laboratories SIM3U167 Datasheet HTML 7Page - Silicon Laboratories SIM3U167 Datasheet HTML 8Page - Silicon Laboratories SIM3U167 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
SiM3U167-B-GDI
Rev. 1.1
3
2. Pin Definitions
Table 2 lists the pin definitions for the SiM3U167-GDI. For a full description of each pin, refer to the SiM3U1xx data
sheet.
Table 2. Pin Definitions and Alternate Functions for SiM3U167-B-GDI
Pin Name
Type
PB4.5
High Drive I/O
1
LSO5
PB4.4
High Drive I/O
2
LSO4
PB4.3
High Drive I/O
3
LSO3
VSSHD
Ground (High Drive)
4
VIOHD
Power (High Drive)
5
PB4.2
High Drive I/O
6
LSO2
PB4.1
High Drive I/O
7
LSO1
PB4.0
High Drive I/O
8
LSO0
VSS
Ground
9
Reserved*
No Connect
10
Reserved*
No Connect
11
Reserved*
No Connect
12
PB3.11
5 V Tolerant I/O
13
XBR1
WAKE.15
CMP0N.7
CMP1N.7
EXREGBD
PB3.10
5 V Tolerant I/O
14
XBR1
INT0.15
INT1.15
WAKE.14
CMP0P.7
CMP1P.7
EXREGOUT
PB3.9
5 V Tolerant I/O
15
XBR1
BE0
DAC0T6
DAC1T6
INT0.14
INT1.14
WAKE.13
CMP0N.6
CMP1N.6
EXREGSN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com