Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM3U167 Datasheet(PDF) 15 Page - Silicon Laboratories

Part # SIM3U167
Description  High-Performance, Low-Power, 32-Bit Precision32??USB MCU Family with up to 256 kB of Flash Die in Wafer Form
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SIM3U167 Datasheet(HTML) 15 Page - Silicon Laboratories

Back Button SIM3U167 Datasheet HTML 10Page - Silicon Laboratories SIM3U167 Datasheet HTML 11Page - Silicon Laboratories SIM3U167 Datasheet HTML 12Page - Silicon Laboratories SIM3U167 Datasheet HTML 13Page - Silicon Laboratories SIM3U167 Datasheet HTML 14Page - Silicon Laboratories SIM3U167 Datasheet HTML 15Page - Silicon Laboratories SIM3U167 Datasheet HTML 16Page - Silicon Laboratories SIM3U167 Datasheet HTML 17Page - Silicon Laboratories SIM3U167 Datasheet HTML 18Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
SiM3U167-B-GDI
Rev. 1.1
15
Table 4. Wafer and Die Information
Wafer ID
SiM3U160-B
Wafer Dimensions
8 in
Die Dimensions
3755.64 µm x 3896.6 µm
Wafer Thickness (with backgrind)
12 mil ±1 mil
Wafer Thickness (no backgrind)
28.54 mil ±1 mil (725 µm)
Wafer Identification
Notch
Scribe Line Width
60 µm
Die Per Wafer*
Contact Sales for info
Passivation
Standard
Wafer Packaging Detail
Wafer Jar
Bond Pad Dimensions
60 µm x 60 µm
Maximum Processing Temperature
250 °C
Electronic Die Map Format
.txt
Bond Pad Pitch Minimum
75 µm
*Note: This is the Expected Known Good Die yielded per wafer and
represents the batch order quantity (one wafer).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com