Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST60-48MF Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # ST60-48MF
Description  Power Surface Mount Device Single Zener Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

ST60-48MF Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  ST60-48MF Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd ST60-48MF Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
外形図については新電元 Web サイト又は〈半導体製品一覧表〉をご参照
下さい。捺印表示については捺印仕様をご確認下さい。
For details of outline dimensions, refer to our web site or the
Semiconductor Short Form Catalog. As for the marking, refer to
the specification “Marking,Terminal Connection.”
■定格表 RATINGS
www.shindengen.co.jp/product/semi/
www.shindengen.co.jp/product/semi/
*Sine wave は 50Hz で測定しています。
*50Hz sine wave is used for measurements.
*半導体製品の特性は一般的にバラツキを持っております。
  Typical は統計的な実力を表しています。
*Semiconductor products generally have characterristic variation.
  Typical a statistical average of the devices ability.
■特性図 CHARACTERISTIC DIAGRAMS
●絶対最大定格 Absolute Maximum Ratings(指定のない場合 T1=25℃/unless otherwise specified)
●電気的・熱的特性 Electrical Characteristics(指定のない場合 T1=25℃/unless otherwise specified)
ST60-48MF
項  目
Item
記号
Symbol
条件
Conditions
規格値
Ratings
単位
Unit
保存温度
Storage temperature
Tstg
-40~150
℃
接合部温度
Operating junction temperature
Tj
150
℃
定格電力
Average rectified forward power
P
T1 = 25℃
5
w
せん頭サージ逆電力
Maximum surge reverse Power
PRSM
10/1000 μ s 非繰り返し
10/1000 μ s Non-repetitive
6000
w
10/10000 μ s 非繰り返し
10/10000 μ s Non-repetitive
3000
せん頭サージ逆電流
Maximum surge reverse current
IRSM
10/1000 μ s 非繰り返し
10/1000 μ s Non-repetitive
100
A
10/10000 μ s 非繰り返し
10/10000 μ s Non-repetitive
55
連続印加電圧
Maximum reverse voltage
VRM
40
V
動作開始電圧
Breakdown Voltage
VBR
IR=1mA,パルス測定
IR=1mA,Pulse measurement
Min. 43.2
Max. 54.0
V
制限電圧
Clamping voltage
VCL
IPP=100A 10/1000 μ s exp 波
IPP=100A 10/1000 μ s exponential wave
Max. 60
V
漏れ電流
Leakage current
IR
VR=40V,パルス測定
VR=40V,Pulse measurement
Max. 5
μ
A
順方向電圧
Forward voltage
VF
IF=30A,パルス測定
IF=30A,Pulse measurement
Max. 1.3
V
温度係数
Temperture coefficient
rz
Max. 0.15
% /℃
Package : MCP
Unit:mm
Weight 1.5g
ST60-48MF
Power zener Diode
大容量面実装デバイス 単体
Power Surface Mount Device Single Zener Diode
MCP Package
ST60-48MF_1
TI=25℃
10/1000μs
TYP
40V 6000W
特 長
・5Wクラス
・面実装
・車載用途も対応可能
Feature
・5W Class
・SMD Package
・Available for automotive use
■外形図 OUTLINE


Similar Part No. - ST60-48MF

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
ST60-48MF SHINDENGEN-ST60-48MF_10 Datasheet
666Kb / 1P
Power zener Diode
ST60-48MF SHINDENGEN-ST60-48MF_17 Datasheet
215Kb / 4P
Power Zener Diode
More results

Similar Description - ST60-48MF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLZ5V1 DIODES-DFLZ5V1 Datasheet
188Kb / 3P
1.0W SURFACE MOUNT POWER ZENER DIODE
DS30464 Rev. 4 - 2
logo
Galaxy Semi-Conductor H...
BZT52C2V0S BILIN-BZT52C2V0S Datasheet
228Kb / 4P
Surface mount zener diode
logo
Diodes Incorporated
DFLZ5V1 DIODES-DFLZ5V1_09 Datasheet
75Kb / 4P
1.0W SURFACE MOUNT POWER ZENER DIODE
DS30464 Rev. 8 - 2
1SMB5936B-13 DIODES-1SMB5936B-13 Datasheet
108Kb / 5P
3.0W SURFACE MOUNT POWER ZENER DIODE
Rev 6
1SMB5931B-13 DIODES-1SMB5931B-13 Datasheet
113Kb / 6P
3.0W SURFACE MOUNT POWER ZENER DIODE
Rev 6
logo
Shindengen Electric Mfg...
ST80-14MF SHINDENGEN-ST80-14MF Datasheet
755Kb / 2P
Power Surface Mount Decive Single Zener Diode
logo
List of Unclassifed Man...
ST04-27F1-5063 ETC2-ST04-27F1-5063 Datasheet
744Kb / 3P
Small Surface Mount Device Single Zenver Diode
logo
Diodes Incorporated
1SMB5913B DIODES-1SMB5913B_15 Datasheet
490Kb / 6P
3.0W SURFACE MOUNT POWER ZENER DIODE
Rev 7
DFLZXXQ DIODES-DFLZXXQ_15 Datasheet
207Kb / 4P
1.0W SURFACE MOUNT POWER ZENER DIODE
Rev 1
DFLZ5V1Q DIODES-DFLZ5V1Q_1 Datasheet
375Kb / 4P
1.0W SURFACE MOUNT POWER ZENER DIODE
Rev 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com