Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP36 Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # TIP36
Description  Complementary Silicon Power Transistor 25A/40~100V/125W
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

TIP36 Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  TIP36 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd TIP36 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd TIP36 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
Fig.1 DC current gain for
Collector current, I (A)
C
Collector Current, l (A)
C
Fig.5 Active region safe operating area
Fig.3 Turn-on time
Fig.2 Turn-off time
20
0.2
0.5
0.1
1.0
0.05
0.02
0.3
0.5
1.0
2.0
20
10
100
50
20
10
0.2
1
2
5
0.2
0.1
2.0
1.0
0.5
0.3
Fig.4 Reverse biase safe operating area
30
20
10
0
Collector current, I (A)
C
Collector-emitter voltage (volts), VCE
Page 3 of 3
www.nellsemi.com
TIP35 (NPN) Series
TIP36 (PNP) Series
PNP
NPN
V
= 4V
CE
T = 25
°C
J
10
5
50
100
200
500
5.0
10
2.0
20
50
30
20
10
5.0
0.5
1.0
2.0
5.0
10
tf
tf
ts
ts
PNP
NPN
I /I = 10
C
B
I
= I
B1
b2
V
= 30V
CC
T = 25
°C
J
PNP
NPN
td
tr
I /I = 10
C
B
V
= 30V
CC
T = 25
°C
J
V
= 2V
BE(OFF)
5.0
10
20 30
0.2
0.1
0.5
1.0
3.0
40
80
70
60
50
100
90
30
40
TIP35C
TIP36C
TIP35C
TIP36C
TIP35A
TIP36A
TIP35
TIP36
1ms
300µs
5.0ms
DC
10
20
50
100
TIP35.TIP36
TIP35A,TIP36A
TIP35B,TIP36B
TIP35C,TIP36C
5.0
0.5
0.1
1.0
2.0
Fig.6 Power Derating
100
150
25
0
25
50
Temperature, T (°C)
C
75
100
150
125
125
50
0
75
Collector emitter , V
(V)
CE
Bonding Wire Limit
Second Breakdown Limit
Thermally Limit
T =25
°C (Single Pulse)
C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com