Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP36 Datasheet (PDF) - Nell Semiconductor Co., Ltd

TIP36 Datasheet PDF - Nell Semiconductor Co., Ltd
Part # TIP36
Download  TIP36 Download
File Size   246.09 Kbytes
Page   3 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description Complementary Silicon Power Transistor 25A/40~100V/125W

TIP36 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP36 Datasheet PDF - Nell Semiconductor Co., Ltd

Part # TIP36
Download  TIP36 Click to download

File Size   246.09 Kbytes
Page   3 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description Complementary Silicon Power Transistor 25A/40~100V/125W

TIP36 Datasheet (HTML) - Nell Semiconductor Co., Ltd


TIP36 Product details

Complementary Silicon Power Transistor
25A/40~100V/125W

FEATURES
● Complementary NPN-PNP transistors
● Low collector-emitter saturation voltage
● Satisfactory linearity of foward current
   transfer ratio hFE
● TO-3P package which can be installed
   to the heat sink with one screw
● Collector - Emitter Saturation Voltage:
   VCE(sat) = 1.8Vdc (MAX.) @ IC = 15A
● Collector - Emitter Saturation Voltage:
   VCEO(sus) = 40Vdc (Min.) - TIP35,TIP36
                      = 60Vdc (Min.) - TIP35A,TIP36A
                      = 80Vdc (Min.) - TIP35B, TIP36B
                      = 100Vdc (Min.) - TIP35C, TIP36C
● DC Current Gain hFE = 25 (Min.) @ Ic = 1.5A
● High Current Gain - Bandwidth product
   fT = 3.0 MHz (Min.) @ Ic=1.0A

APPLICATIONS
● Audio amplifier
● General purpose switching and amplifier




Similar Part No. - TIP36

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP36 MOSPEC-TIP36 Datasheet
154Kb / 3P
POWER TRANSISTORS(25A,40-100V,125W)
logo
Power Innovations Ltd
TIP36 POINN-TIP36 Datasheet
93Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
Savantic, Inc.
TIP36 SAVANTIC-TIP36 Datasheet
170Kb / 4P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
TIP36 ISC-TIP36 Datasheet
154Kb / 4P
Silicon PNP Power Transistors
logo
Central Semiconductor C...
TIP36 CENTRAL-TIP36 Datasheet
272Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Similar Description - TIP36

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BD249 MOSPEC-BD249 Datasheet
131Kb / 3P
POWER TRANSISTORS(25A,125W)
BDV66 MOSPEC-BDV66 Datasheet
102Kb / 3P
POWER TRANSISTORS(16A,60-100V,125W)
TIP140 MOSPEC-TIP140 Datasheet
204Kb / 4P
POWER TRANSISTORS(10A,60-100V,125W)
TIP35 MOSPEC-TIP35 Datasheet
154Kb / 3P
POWER TRANSISTORS(25A,40-100V,125W)
TIP35D MOSPEC-TIP35D Datasheet
164Kb / 3P
POWER TRANSISTORS(25A,120-160V,125W)
logo
Central Semiconductor C...
CJD340 CENTRAL-CJD340 Datasheet
453Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTOR
CJD32C CENTRAL-CJD32C Datasheet
126Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTOR
logo
STMicroelectronics
BD243C STMICROELECTRONICS-BD243C Datasheet
78Kb / 8P
COMPLEMENTARY SILICON POWER TRANSISTOR
13-Sep-2005
logo
Nell Semiconductor Co.,...
TIP31 NELLSEMI-TIP31 Datasheet
261Kb / 5P
Complementary Silicon Power Transistor
TIP41 NELLSEMI-TIP41 Datasheet
257Kb / 5P
Complementary Silicon Power Transistor 6A/40~100V/65W
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com