Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP36 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # TIP36
Description  Complementary Silicon Power Transistor 25A/40~100V/125W
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

TIP36 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  TIP36 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd TIP36 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd TIP36 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
APPLICATIONS
SEMICONDUCTOR
RoHS
RoHS
Complementary Silicon Power Transistor
Nell High Power Products
TIP35 (NPN) Series
TIP36 (PNP) Series
ABSOLUTE MAXIMUM RATINGS (T = 25°C)
C
UNIT
V
PC
Tstg
PARAMETER
Collector to emitter voltage (I = 0)
B
ºC
5
25
Collector current
Base current
Collector power dissipation
(Derate above 25
°C)
Junction temperature
40
125 (1.0)
5
VALUE
40
VCBO
Tj
-65 to 150
150
A
Collector to base voltage (I = 0)
E
Emitter to base voltage (I = 0)
C
SYMBOL
VCEO
VEBO
IC
IB
Storage temperature
W(W/
°C)
15.6±0.4
9.6
2
3
1.05
+0.2
-0.1
5.45±0.1
5.45±0.1
Φ3.2 0,1
±
4.8±0.2
2.0±0.1
0.65
+0.2
-0.1
1.4
B
C
E
1
2
3
Page 1 of 3
www.nellsemi.com
All dimensions in millimeters
TO-3P(B)
40
Collector peak current (t < 0.3mS)
p
ICM
C
B
E
C
B
E
TIP36(PNP)
TIP35(NPN)
Complementary NPN-PNP transistors
Low collector-emitter saturation voltage
Satisfactory linearity of foward current
transfer ratio hFE
TO-3P package which can be installed
to the heat sink with one screw
Audio amplifier
General purpose switching and amplifier
25A/40~100V/125W
Collector - Emitter Saturation Voltage:
V
= 1.8V
(MAX.) @ I = 15A
CE(sat)
dc
C
Collector - Emitter Saturation Voltage:
V
= 40V
(Min.) - TIP35,TIP36
CEO(sus)
dc
= 60V
(Min.) - TIP35A,TIP36A
dc
= 80V
(Min.) - TIP35B, TIP36B
dc
= 100V
(Min.) - TIP35C, TIP36C
dc
DC Current Gain h
= 25 (Min.) @ I = 1.5A
FE
c
High Current Gain - Bandwidth product
f = 3.0 MHz (Min.) @ I =1.0A
T
c
TIP35
TIP36
TIP35A
TIP36A
TIP35B
TIP36B
TIP35C
TIP36C
60
60
80
80
100
100
90
mJ
E
Unclamped inductive load energy (Note 1)
Note: 1. This rating is based on the capability of the transistor to operate safely is a circuit of:
L = 20mH, I
= 0.4A, R
= 100Ω, V
= 0, R = 0.1Ω, V
= 20V
B(on)
BE
BE(off)
S
CC
3.5 (0.028)
@T = 25
°C
C
@T = 25
°C
A


Similar Part No. - TIP36

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP36 MOSPEC-TIP36 Datasheet
154Kb / 3P
POWER TRANSISTORS(25A,40-100V,125W)
logo
Power Innovations Ltd
TIP36 POINN-TIP36 Datasheet
93Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
Savantic, Inc.
TIP36 SAVANTIC-TIP36 Datasheet
170Kb / 4P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
TIP36 ISC-TIP36 Datasheet
154Kb / 4P
Silicon PNP Power Transistors
logo
Central Semiconductor C...
TIP36 CENTRAL-TIP36 Datasheet
272Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results

Similar Description - TIP36

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BD249 MOSPEC-BD249 Datasheet
131Kb / 3P
POWER TRANSISTORS(25A,125W)
BDV66 MOSPEC-BDV66 Datasheet
102Kb / 3P
POWER TRANSISTORS(16A,60-100V,125W)
TIP140 MOSPEC-TIP140 Datasheet
204Kb / 4P
POWER TRANSISTORS(10A,60-100V,125W)
TIP35 MOSPEC-TIP35 Datasheet
154Kb / 3P
POWER TRANSISTORS(25A,40-100V,125W)
TIP35D MOSPEC-TIP35D Datasheet
164Kb / 3P
POWER TRANSISTORS(25A,120-160V,125W)
logo
Central Semiconductor C...
CJD340 CENTRAL-CJD340 Datasheet
453Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTOR
CJD32C CENTRAL-CJD32C Datasheet
126Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTOR
logo
STMicroelectronics
BD243C STMICROELECTRONICS-BD243C Datasheet
78Kb / 8P
COMPLEMENTARY SILICON POWER TRANSISTOR
13-Sep-2005
logo
Nell Semiconductor Co.,...
TIP31 NELLSEMI-TIP31 Datasheet
261Kb / 5P
Complementary Silicon Power Transistor
TIP41 NELLSEMI-TIP41 Datasheet
257Kb / 5P
Complementary Silicon Power Transistor 6A/40~100V/65W
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com