Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3000 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # LP3000
Description  2 W POWER PHEMT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

LP3000 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  LP3000 Datasheet HTML 1Page - Filtronic Compound Semiconductors LP3000 Datasheet HTML 2Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LP3000
2 W POWER PHEMT
Phone:
(408) 988-1845
http://
www.filss.com
Revised:
1/18/01
Fax:
(408) 970-9950
Email:
sales@filss.com
• FEATURES
♦ 33.5 dBm Output Power
at 1-dB Compression at 18 GHz
♦ 7 dB Power Gain at 18 GHz
♦ 30.5 dBm Output Power
at 1-dB Compression at 3.3V
♦ 45% Power-Added Efficiency
• DESCRIPTION AND APPLICATIONS
The LP3000 is an Aluminum Gallium Arsenide / Indium Gallium Arsenide (AlGaAs/InGaAs)
Pseudomorphic High Electron Mobility Transistor (PHEMT), utilizing an Electron-Beam direct-
write 0.25
µm by 3000 µm Schottky barrier gate. The recessed “mushroom” gate structure
minimizes parasitic gate-source and gate resistances. The epitaxial structure and processing have
been optimized for reliable high-power applications. The LP3000 is also available in a P100 flanged
ceramic package and in the low cost plastic SOT89 package.
Typical applications include commercial and other high-performance power amplifiers.
• ELECTRICAL SPECIFICATIONS @ T
Ambient = 25 °
°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Saturated Drain-Source Current
IDSS
VDS = 2 V; VGS = 0 V
800
1060
1100
mA
Power at 1-dB Compression
P-1dB
VDS = 8 V; IDS = 50% IDSS
33
33.5
dBm
Power Gain at 1-dB Compression
G-1dB
VDS = 8 V; IDS = 50% IDSS
4
6
dB
Power-Added Efficiency
PAE
VDS = 8 V; IDS = 50% IDSS
45
%
Maximum Drain-Source Current
IMAX
VDS = 2 V; VGS = 1 V
1700
mA
Transconductance
GM
VDS = 2 V; VGS = 0 V
725
900
mS
Gate-Source Leakage Current
IGSO
VGS = -5 V
15
125
µA
Pinch-Off Voltage
VP
VDS = 2 V; IDS = 10 mA
-0.25
-1.2
-2.0
V
Gate-Source Breakdown
Voltage Magnitude
|VBDGS|
IGS = 15 mA
-12
-15
V
Gate-Drain Breakdown
Voltage Magnitude
|VBDGD|
IGD = 15 mA
-12
-16
V
Thermal Resistivity
Θ
JC
20
°C/W
frequency=18 GHz
DRAIN
BOND
PAD (4X)
SOURCE
BOND
PAD (2x)
GATE
BOND
PAD (4X)
DIE SIZE: 28.3X16.5 mils (720x420
µm)
DIE THICKNESS: 2.6 mils (65
µm)
BONDING PADS: 1.9X2.4 mils (50x60
µm)


Similar Part No. - LP3000

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LP3000 FILTRONIC-LP3000 Datasheet
49Kb / 2P
2W Power PHEMT
LP3000P100 FILTRONIC-LP3000P100 Datasheet
47Kb / 3P
PACKAGED 2W POWER PHEMT
LP3000SOT89 FILTRONIC-LP3000SOT89 Datasheet
44Kb / 3P
LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
LP3000SOT89-1 FILTRONIC-LP3000SOT89-1 Datasheet
44Kb / 3P
LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
LP3000SOT89-2 FILTRONIC-LP3000SOT89-2 Datasheet
44Kb / 3P
LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
More results

Similar Description - LP3000

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FP4050 FILTRONIC-FP4050 Datasheet
39Kb / 2P
2-WATT POWER PHEMT
LP750 FILTRONIC-LP750 Datasheet
34Kb / 2P
0.5 W POWER PHEMT
logo
List of Unclassifed Man...
TC2696 ETC-TC2696 Datasheet
39Kb / 2P
2 W Flange Ceramic Packaged PHEMT GaAs Power FETs
logo
Transcom, Inc.
TC2676 TRANSCOM-TC2676 Datasheet
186Kb / 3P
2 W Low-Cost Packaged PHEMT GaAs Power FETs
TC2696 TRANSCOM-TC2696 Datasheet
54Kb / 2P
2 W Flange Ceramic Packaged PHEMT GaAs Power FETs
TC3967 TRANSCOM-TC3967 Datasheet
97Kb / 2P
2 W Packaged Single-Bias PHEMT GaAs Power FETs
TC2571 TRANSCOM-TC2571 Datasheet
196Kb / 3P
1 W Low-Cost Packaged PHEMT GaAs Power FETs
logo
Analog Devices
HMC1121 AD-HMC1121 Datasheet
390Kb / 15P
4 W, GaAs, pHEMT, MMIC Power Amplifier
10/2017-Rev. 0 to Rev. A
ADPA7002CHIP AD-ADPA7002CHIP Datasheet
565Kb / 23P
GaAs, pHEMT, MMIC,1/2 W, Power Amplifier
2/2019-Revision 0
ADPA7006CHIP AD-ADPA7006CHIP Datasheet
460Kb / 24P
18 GHz to 44 GHz, GaAs, pHEMT, MMIC, 1/2 W Power Amplifier
7/2019-Revision 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com