Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO11PDB0V0 Datasheet(PDF) 31 Page - Microsemi Corporation

Part # IO11PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO11PDB0V0 Datasheet(HTML) 31 Page - Microsemi Corporation

Back Button IO11PDB0V0 Datasheet HTML 27Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 28Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 29Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 30Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 31Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 32Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 33Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 34Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 35Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
2 - 19
User I/O Characteristics
Timing Model
Figure 2-2 •
Timing Model
Operating Conditions: –1 Speed, Commercial Temperature Range (TJ = 85°C),
Worst Case VCC = 1.425 V
DQ
Y
Y
DQ
DQ
DQ
Y
Combinational Cell
Combinational Cell
Combinational Cell
I/O Module
(Registered)
I/O Module
(Non-Registered)
Register Cell
Register Cell
I/O Module
(Registered)
I/O Module
(Non-Registered)
LVPECL (applicable to
FPGA /O bank, EMC pin)
LVPECL
(Applicable
to FPGA
I/O Bank,
EMC pin)
LVDS,
BLVDS,
M-LVDS
(Applicable for
FPGA I/O Bank,
EMC pin)
LVTTL 3.3 V Output drive
strength = 12 mA High slew rate
Y
Combinational Cell
Y
Combinational Cell
Y
Combinational Cell
I/O Module
(Non-Registered)
LVTTLOutput drive strength = 8 mA
High slew rate
I/O Module
(Non-Registered)
LVCMOS 1.5 VOutput drive strength = 4 mA
High slew rate
LVTTLOutput drive strength = 12 mA
High slew rate
I/O Module
(Non-Registered)
Input LVTTL
Clock
Input LVTTL
Clock
Input LVTTL
Clock
tPD = 0.57 ns
tPD = 0.49 ns
tDP = 1.53 ns
tPD = 0.89 ns
tDP = 2.81 ns (FPGA I/O Bank, EMC pin)
tPD = 0.51 ns
tDP = 3.87 ns (FPGA I/O Bank, EMC pin)
tPD = 0.48 ns
tDP = 4.13 ns (FPGA I/O Bank, EMC pin)
tPD = 0.48 ns
tPY = 0.81 ns
(FPGA I/O Bank, EMC pin)
tCLKQ = 0.56 ns
tOCLKQ = 0.60 ns
tSUD = 0.44 ns
tOSUD = 0.32 ns
tDP = 2.81 ns
(FPGA I/O Bank, EMC pin)
tPY = 0.81 ns (FPGA I/O Bank, EMC pin)
tPY = 1.55 ns
tCLKQ = 0.56 ns
tSUD = 0.44 ns
tPY = 0.81 ns
(FPGA I/O Bank, EMC pin)
tICLKQ = 0.24 ns
tISUD = 0.27 ns
tPY = 1.46 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com