Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO11PDB0V0 Datasheet(PDF) 98 Page - Microsemi Corporation

Part # IO11PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO11PDB0V0 Datasheet(HTML) 98 Page - Microsemi Corporation

Back Button IO11PDB0V0 Datasheet HTML 94Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 95Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 96Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 97Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 98Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 99Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 100Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 101Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 102Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 197 page
background image
SmartFusion DC and Switching Characteristics
2- 86
R e v i sio n 1 2
Voltage Regulator
Table 2-99 • Voltage Regulator
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOUT
Output voltage
TJ = 25°C
1.425
1.5
1.575
V
VOS
Output offset voltage TJ = 25°C
11
mV
ICC33A Operation current
TJ = 25°C
ILOAD = 1 mA
3.4
mA
ILOAD = 100 mA
11
mA
ILOAD = 0.5 A
21
mA
ΔVOUT
Load regulation
TJ = 25°C
ILOAD = 1 mA to 0.5 A
5.8
mV
ΔVOUT
Line regulation
TJ = 25°C
VCC33A = 2.97 V to 3.63 V
ILOAD = 1 mA
5.3
mV/V
VCC33A = 2.97 V to 3.63 V
ILOAD= 100 mA
5.3
mV/V
VCC33A = 2.97 V to 3.63 V
ILOAD = 500mA
5.3
mV/V
Dropout voltage1
TJ = 25°C
ILOAD = 1 mA
0.63
V
ILOAD = 100 mA
0.84
V
ILOAD = 0.5 A
1.35
V
IPTBASE PTBase current
TJ = 25°C
ILOAD = 1 mA
48
µA
ILOAD = 100 mA
736
µA
ILOAD = 0.5 A
12
mA
Startup time2
TJ = 25°C
200
µs
Notes:
1. Dropout voltage is defined as the minimum VCC33A voltage. The parameter is specified with respect to the output
voltage. The specification represents the minimum input-to-output differential voltage required to maintain regulation.
2. Assumes 10 µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com