Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO11PDB0V0 Datasheet(PDF) 94 Page - Microsemi Corporation

Part # IO11PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO11PDB0V0 Datasheet(HTML) 94 Page - Microsemi Corporation

Back Button IO11PDB0V0 Datasheet HTML 90Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 91Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 92Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 93Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 94Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 95Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 96Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 97Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 98Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 197 page
background image
SmartFusion DC and Switching Characteristics
2- 82
R e v i sio n 1 2
Input referred offset voltage
GDEC[1:0] = 11
–0.31
–0.07
0.31
% FS*
–40ºC to +100ºC
–1.00
1.47
% FS*
GDEC[1:0] = 10
–0.34
–0.07
0.34
% FS*
–40ºC to +100ºC
–0.90
1.37
% FS*
GDEC[1:0] = 01
–0.61
–0.07
0.35
% FS*
–40ºC to +100ºC
–1.05
1.35
% FS*
GDEC[1:0] = 00
–0.39
–0.07
0.35
% FS*
–40ºC to +100ºC
–1.06
1.38
% FS*
SINAD
53
56
dB
Non-linearity
RMS deviation from BFSL
0.5
% FS*
Effective number of bits (ENOB)
EQ 11
GDEC[1:0] = 11
(±2.56 range), –1 dBFS input
12-bit mode 10 KHz
8.6
9.1
Bits
12-bit mode 100 KHz
8.6
9.1
Bits
10-bit mode 10 KHz
8.5
8.9
Bits
10-bit mode 100 KHz
8.5
8.9
Bits
8-bit mode 10 KHz
7.7
7.8
Bits
8-bit mode 100 KHz
7.7
7.8
Bits
Large-signal bandwidth
–1 dBFS input
1
MHz
Analog settling time
To 0.1% of final value (with ADC
load)
10
µs
Input resistance
1M
Ω
Power supply rejection ratio
DC (0–1 KHz)
38
40
dB
ABPS power supply current
requirements (not including ADC or
VAREFx)
ABPS_EN = 1 (operational mode)
VCC33A
123
134
µA
VCC33AP
89
94
µA
VCC15A
1
µA
Table 2-96 • ABPS Performance Specifications (continued)
Specification
Test Conditions
Min.
Typ.
Max.
Units
Note:
*FS is full-scale error, defined as the difference between the actual value that triggers the transition to full-scale
and the ideal analog full-scale transition value. Full-scale error equals offset error plus gain error. Refer to the
Analog-to-Digital Converter chapter of the SmartFusion Programmable Analog User’s Guide for more
information.
ENOB
SINAD 1.76 dB
–
6.02 dB/bit
---------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com