Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO11PDB0V0 Datasheet(PDF) 101 Page - Microsemi Corporation

Part # IO11PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO11PDB0V0 Datasheet(HTML) 101 Page - Microsemi Corporation

Back Button IO11PDB0V0 Datasheet HTML 97Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 98Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 99Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 100Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 101Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 102Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 103Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 104Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 105Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
2 - 89
sp6
Data from master (SPI_x_DO) setup time 2
1
1
1
pclk cycles
sp7
Data from master (SPI_x_DO) hold time 2
1
1
1
pclk cycles
sp8
SPI_x_DI setup time 2
1
1
1
pclk cycles
sp9
SPI_x_DI hold time 2
1
1
1
pclk cycles
Figure 2-47 • SPI Timing for a Single Frame Transfer in Motorola Mode (SPH = 1)
Table 2-100 • SPI Characteristics
Commercial Case Conditions: TJ = 85ºC, VDD = 1.425 V, –1 Speed Grade (continued)
Symbol
Description and Condition
A2F060
A2F200
A2F500
Unit
Notes:
1. These values are provided for a load of 35 pF. For board design considerations and detailed output buffer resistances,
use the corresponding IBIS models located on the Microsemi SoC Products Group website:
http://www.microsemi.com/index.php?option=com_microsemi&Itemid=489&lang=en&view=salescontact.
2. For allowable pclk configurations, refer to the Serial Peripheral Interface Controller section in the SmartFusion
Microcontroller Subsystem User’s Guide.
SPI_x_CLK
SPO = 0
SPI_x_DO
SP6
SP7
50%
50%
MSB
50% 50%
50%
SP2
SP1
90%
10%
10%
SP4
SP5
SP8
SP9
50%
50%
MSB
SPI_x_DI
10%
90%
SP5
90%
10%
SP4
90%
10%
10%
SP4
SP5
90%
SPI_x_SS
SPI_x_CLK
SPO = 1
SP3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com