Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO11PDB0V0 Datasheet(PDF) 142 Page - Microsemi Corporation

Part # IO11PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO11PDB0V0 Datasheet(HTML) 142 Page - Microsemi Corporation

Back Button IO11PDB0V0 Datasheet HTML 138Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 139Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 140Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 141Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 142Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 143Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 144Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 145Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 146Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 197 page
background image
Pin Descriptions
5- 28
R e v i sio n 1 2
H19
VCCFPGAIOB1
VCCFPGAIOB1
VCCFPGAIOB1
H21
NC
GDB2/IO33PDB1V0
GDB2/IO42PDB1V0
J1
EMC_DB[4]/IO38NPB5V0
EMC_DB[4]/GEA0/IO61NPB5V0
EMC_DB[4]/GEA0/IO78NPB5V0
J3
EMC_DB[8]/IO40NPB5V0
EMC_DB[8]/GEC0/IO63NPB5V0
EMC_DB[8]/GEC0/IO80NPB5V0
J5
EMC_DB[1]/IO36PDB5V0
EMC_DB[1]/GEB2/IO59PDB5V0
EMC_DB[1]/GEB2/IO76PDB5V0
J6
EMC_DB[6]/IO39NDB5V0
EMC_DB[6]/GEB0/IO62NDB5V0
EMC_DB[6]/GEB0/IO79NDB5V0
J7
VCCFPGAIOB5
VCCFPGAIOB5
VCCFPGAIOB5
J8
VCC
VCC
VCC
J9
GND
GND
GND
J10
VCC
VCC
VCC
J11
GND
GND
GND
J12
VCC
VCC
VCC
J13
GND
GND
GND
J14
VCC
VCC
VCC
J15
VPP
VPP
VPP
J16
NC
IO32NPB1V0
IO41NPB1V0
J17
NC
GNDQ
GNDQ
J19
VCCMAINXTAL
VCCMAINXTAL
VCCMAINXTAL
J21
NC
GDA2/IO33NDB1V0
GDA2/IO42NDB1V0
K1
GND
GND
GND
K3
EMC_DB[5]/IO38PPB5V0
EMC_DB[5]/GEA1/IO61PPB5V0
EMC_DB[5]/GEA1/IO78PPB5V0
K5
EMC_DB[0]/IO36NDB5V0
EMC_DB[0]/GEA2/IO59NDB5V0
EMC_DB[0]/GEA2/IO76NDB5V0
K6
EMC_DB[3]/IO37PPB5V0
EMC_DB[3]/GEC2/IO60PPB5V0
EMC_DB[3]/GEC2/IO77PPB5V0
K8
GND
GND
GND
K9
VCC
VCC
VCC
K10
GND
GND
GND
K11
VCC
VCC
VCC
K12
GND
GND
GND
K13
VCC
VCC
VCC
K14
GND
GND
GND
K16
LPXOUT
LPXOUT
LPXOUT
Pin
No.
CS288
A2F060 Function
A2F200 Function
A2F500 Function
Notes:
1. Shading denotes pins that do not have completely identical functions from density to density. For example, the bank
assignment can be different for an I/O, or the function might be available only on a larger density device.
2. *: Indicates that the signal assigned to the pins as a CLKBUF/CLKBUF_LVPECL/CLKBUF_LVDS goes through a
glitchless mux. In order for the glitchless mux to operate correctly, the signal must be a free-running clock signal. Refer to
the ’Glitchless MUX’ section in the SmartFusion Microcontroller Subsystem User’s Guide for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com