Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO11PDB0V0 Datasheet(PDF) 158 Page - Microsemi Corporation

Part # IO11PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO11PDB0V0 Datasheet(HTML) 158 Page - Microsemi Corporation

Back Button IO11PDB0V0 Datasheet HTML 154Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 155Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 156Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 157Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 158Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 159Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 160Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 161Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 162Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 197 page
background image
Pin Descriptions
5- 44
R e v i sio n 1 2
B16
GNDQ
GNDQ
GNDQ
C1
EMC_DB[14]/IO45NDB5V0
EMC_DB[14]/GAB2/IO71NDB5V0
EMC_DB[14]/GAB2/IO88NDB5V0
C2
VCCPLL0
VCCPLL
VCCPLL0
C3
EMC_BYTEN[0]/IO02NDB0V0 EMC_BYTEN[0]/GAC0/IO02NDB0V0 EMC_BYTEN[0]/GAC0/IO07NDB0V0
C4
VCCFPGAIOB0
VCCFPGAIOB0
VCCFPGAIOB0
C5
EMC_CS0_N/IO01NDB0V0
EMC_CS0_N/GAB0/IO01NDB0V0
EMC_CS0_N/GAB0/IO05NDB0V0
C6
EMC_CS1_N/IO01PDB0V0
EMC_CS1_N/GAB1/IO01PDB0V0
EMC_CS1_N/GAB1/IO05PDB0V0
C7
GND
GND
GND
C8
EMC_AB[8]/IO08NDB0V0
EMC_AB[8]/IO08NDB0V0
EMC_AB[8]/IO13NDB0V0
C9
EMC_AB[11]/IO09PDB0V0
EMC_AB[11]/IO09PDB0V0
EMC_AB[11]/IO11PDB0V0
C10
VCCFPGAIOB0
VCCFPGAIOB0
VCCFPGAIOB0
C11
EMC_AB[17]/IO12PDB0V0
EMC_AB[17]/IO12PDB0V0
EMC_AB[17]/IO17PDB0V0
C12
EMC_AB[19]/IO13PDB0V0
EMC_AB[19]/IO13PDB0V0
EMC_AB[19]/IO18PDB0V0
C13
GND
GND
GND
C14
GCC0/IO18NPB0V0
GBA2/IO20PPB1V0
GBA2/IO27PPB1V0
C15
GCB0/IO19NDB0V0
GCA2/IO23PDB1V0
GCA2/IO28PDB1V0 *
C16
GCB1/IO19PDB0V0
IO23NDB1V0
IO28NDB1V0
D1
VCCFPGAIOB5
VCCFPGAIOB5
VCCFPGAIOB5
D2
VCOMPLA0
VCOMPLA
VCOMPLA0
D3
GND
GND
GND
D4
GNDQ
GNDQ
GNDQ
D5
EMC_CLK/IO00NDB0V0
EMC_CLK/GAA0/IO00NDB0V0
EMC_CLK/GAA0/IO02NDB0V0
D6
EMC_RW_N/IO00PDB0V0
EMC_RW_N/GAA1/IO00PDB0V0
EMC_RW_N/GAA1/IO02PDB0V0
D7
EMC_AB[6]/IO07NDB0V0
EMC_AB[6]/IO07NDB0V0
EMC_AB[6]/IO12NDB0V0
D8
EMC_AB[7]/IO07PDB0V0
EMC_AB[7]/IO07PDB0V0
EMC_AB[7]/IO12PDB0V0
D9
EMC_AB[10]/IO09NDB0V0
EMC_AB[10]/IO09NDB0V0
EMC_AB[10]/IO11NDB0V0
D10
EMC_AB[22]/IO15NDB0V0
EMC_AB[22]/IO15NDB0V0
EMC_AB[22]/IO19NDB0V0
D11
EMC_AB[23]/IO15PDB0V0
EMC_AB[23]/IO15PDB0V0
EMC_AB[23]/IO19PDB0V0
D12
GNDQ
GNDQ
GNDQ
D13
GCC1/IO18PPB0V0
GBB2/IO20NPB1V0
GBB2/IO27NPB1V0
D14
GCA0/IO20NDB0V0
GCB2/IO24PDB1V0
GCB2/IO33PDB1V0
Pin
No.
FG256
A2F060 Function
A2F200 Function
A2F500 Function
Notes:
1. Shading denotes pins that do not have completely identical functions from density to density. For example, the bank
assignment can be different for an I/O, or the function might be available only on a larger density device.
2. *: Indicates that the signal assigned to the pins as a CLKBUF/CLKBUF_LVPECL/CLKBUF_LVDS goes through a
glitchless mux. In order for the glitchless mux to operate correctly, the signal must be a free-running clock signal. Refer to
the ’Glitchless MUX’ section in the SmartFusion Microcontroller Subsystem User’s Guide for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com