Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO11PDB0V0 Datasheet(PDF) 168 Page - Microsemi Corporation

Part # IO11PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO11PDB0V0 Datasheet(HTML) 168 Page - Microsemi Corporation

Back Button IO11PDB0V0 Datasheet HTML 164Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 165Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 166Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 167Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 168Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 169Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 170Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 171Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 172Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 197 page
background image
Pin Descriptions
5- 54
R e v i sio n 1 2
AA13
NC
ADC10
AA14
NC
ADC9
AA15
NC
GND15ADC2
AA16
MAINXIN
MAINXIN
AA17
MAINXOUT
MAINXOUT
AA18
LPXIN
LPXIN
AA19
LPXOUT
LPXOUT
AA20
NC
NC
AA21
NC
NC
AA22
SPI_1_CLK/GPIO_26
SPI_1_CLK/GPIO_26
AB1
GND
GND
AB2
GPIO_13/IO36RSB4V0
GPIO_13/IO45RSB4V0
AB3
GPIO_14/IO35RSB4V0
GPIO_14/IO44RSB4V0
AB4
GND
GND
AB5
PCAP
PCAP
AB6
NCAP
NCAP
AB7
ABPS3
ABPS3
AB8
ADC3
ADC3
AB9
GND15ADC0
GND15ADC0
AB10
VCC33ADC1
VCC33ADC1
AB11
VAREF1
VAREF1
AB12
TM2
TM2
AB13
CM2
CM2
AB14
ABPS4
ABPS4
AB15
GNDAQ
GNDAQ
AB16
GNDMAINXTAL
GNDMAINXTAL
AB17
GNDLPXTAL
GNDLPXTAL
AB18
VCCLPXTAL
VCCLPXTAL
AB19
VDDBAT
VDDBAT
AB20
PTBASE
PTBASE
AB21
NC
NC
AB22
GND
GND
B1
EMC_DB[15]/GAA2/IO71PDB5V0
EMC_DB[15]/GAA2/IO88PDB5V0
B2
GND
GND
Pin Number
FG484
A2F200 Function
A2F500 Function
Notes:
1. Shading denotes pins that do not have completely identical functions from density to density. For example, the bank
assignment can be different for an I/O, or the function might be available only on a larger density device.
2. *: Indicates that the signal assigned to the pins as a CLKBUF/CLKBUF_LVPECL/CLKBUF_LVDS goes through a
glitchless mux. In order for the glitchless mux to operate correctly, the signal must be a free-running clock signal. Refer
to the ’Glitchless MUX’ section in the SmartFusion Microcontroller Subsystem User’s Guide for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com