Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO11PDB0V0 Datasheet(PDF) 174 Page - Microsemi Corporation

Part # IO11PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO11PDB0V0 Datasheet(HTML) 174 Page - Microsemi Corporation

Back Button IO11PDB0V0 Datasheet HTML 170Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 171Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 172Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 173Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 174Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 175Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 176Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 177Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 178Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 197 page
background image
Pin Descriptions
5- 60
R e v i sio n 1 2
J19
GCA0/IO28NDB1V0
GCA0/IO36NDB1V0 *
J20
GCA1/IO28PDB1V0
GCA1/IO36PDB1V0 *
J21
GCC1/IO26PPB1V0
GCC1/IO35PPB1V0
J22
GCB1/IO27PDB1V0
GCB1/IO34PDB1V0
K1
GND
GND
K2
EMC_DB[0]/GEA2/IO59NDB5V0
EMC_DB[0]/GEA2/IO76NDB5V0
K3
EMC_DB[1]/GEB2/IO59PDB5V0
EMC_DB[1]/GEB2/IO76PDB5V0
K4
NC
IO74PPB5V0
K5
EMC_DB[2]/IO60NPB5V0
EMC_DB[2]/IO77NPB5V0
K6
NC
IO75PDB5V0
K7
GND
GND
K8
VCC
VCC
K9
GND
GND
K10
VCC
VCC
K11
GND
GND
K12
VCC
VCC
K13
GND
GND
K14
VCC
VCC
K15
GND
GND
K16
VCCFPGAIOB1
VCCFPGAIOB1
K17
NC
IO37NDB1V0
K18
GDA1/IO31PDB1V0
GDA1/IO40PDB1V0
K19
GDA0/IO31NDB1V0
GDA0/IO40NDB1V0
K20
GDC1/IO29PDB1V0
GDC1/IO38PDB1V0
K21
GDC0/IO29NDB1V0
GDC0/IO38NDB1V0
K22
GND
GND
L1
NC
IO73PDB5V0
L2
NC
IO73NDB5V0
L3
NC
IO72PPB5V0
L4
GND
GND
L5
NC
IO74NPB5V0
L6
NC
IO75NDB5V0
L7
VCCFPGAIOB5
VCCFPGAIOB5
L8
GND
GND
Pin Number
FG484
A2F200 Function
A2F500 Function
Notes:
1. Shading denotes pins that do not have completely identical functions from density to density. For example, the bank
assignment can be different for an I/O, or the function might be available only on a larger density device.
2. *: Indicates that the signal assigned to the pins as a CLKBUF/CLKBUF_LVPECL/CLKBUF_LVDS goes through a
glitchless mux. In order for the glitchless mux to operate correctly, the signal must be a free-running clock signal. Refer
to the ’Glitchless MUX’ section in the SmartFusion Microcontroller Subsystem User’s Guide for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com