Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO11PDB0V0 Datasheet(PDF) 191 Page - Microsemi Corporation

Part # IO11PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO11PDB0V0 Datasheet(HTML) 191 Page - Microsemi Corporation

Back Button IO11PDB0V0 Datasheet HTML 187Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 188Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 189Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 190Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 191Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 192Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 193Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 194Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 195Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
6 - 9
Revision 5
(continued)
Available values for the Std. speed were added to the timing tables from Table 2-38 •
3.3 V LVTTL / 3.3 V LVCMOS High Slew to Table 2-92 • JTAG 1532 (SAR 29331).
One or more values changed for the –1 speed in tables covering 3.3 V LVCMOS,
2.5V LVCMOS, 1.8V LVCMOS, 1.5V LVCMOS, Combinatorial Cell Propagation
Delays, and A2F200 Global Resources.
2-31 to
2-76
Table 2-80 • A2F500 Global Resource is new.
2-60
Table 2-90 • eNVM Block Timing, Worst Commercial Case Conditions: TJ = 85°C,
VCC = 1.425 V was revised (SAR 27585).
2-75
The programmable analog specifications tables were revised with updated
information.
2-77 to
2-86
Table 4-1 • Supported JTAG Programming Hardware was revised by adding a note to
indicate "planned support" for several of the items in the table.
4-7
The note on JTAGSEL in the "In-System Programming" section was revised to state
that SoftConsole selects the appropriate TAP controller using the CTXSELECT JTAG
command. When using SoftConsole, the state of JTAGSEL is a "don't care" (SAR
29261).
4-7
The "CS288" and "FG256" pin tables for A2F060 are new, comparing the A2F060
function with the A2F200 function (SAR 29353).
5-24
The "Handling When Unused" column was removed from the "FG256" pin table for
A2F200 and A2F500 (SAR 29691).
5-42
Revision 4
(September 2010)
Table 2-8 • Power Supplies Configuration was revised. VCCRCOSC was moved to a
column of its own with new values. VCCENVM was added to the table. Standby mode
for VJTAG and VPP was changed from 0 V to N/A. "Disable" was changed to "Off" in
the eNVM column. The column for RCOSC was deleted.
2-10
The "Power-Down and Sleep Mode Implementation" section was revised to include
VCCROSC.
2-11
Revision 3
(September 2010)
The "I/Os and Operating Voltage" section was revised to list "single 3.3 V power
supply with on-chip 1.5 V regulator" and "external 1.5 V is allowed" (SAR 27663).
I
The CS288 package was added to the "Package I/Os: MSS + FPGA I/Os" table (SAR
27101), "Product Ordering Codes" table, and "Temperature Grade Offerings" table
(SAR 27044). The number of direct analog inputs for the FG256 package in A2F060
was changed from 8 to 6.
III, VI, VI
Two notes were added to the "SmartFusion cSoC Family Product Table" indicating
limitations for features of the A2F500 device:
Two PLLs are available in CS288 and FG484 (one PLL in FG256).
[ADCs, DACs, SCBs, comparators, current monitors, and bipolar high voltage
monitors are] Available on FG484 only. FG256 and CS288 packages offer the same
programmable analog capabilities as A2F200.
Table cells were merged in rows containing the same values for easier reading (SAR
24748).
II
The security feature option was added to the "Product Ordering Codes" table.
VI
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com