Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP7612 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # LP7612
Description  HIGH DYNAMIC RANGE PHEMT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

LP7612 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  LP7612 Datasheet HTML 1Page - Filtronic Compound Semiconductors LP7612 Datasheet HTML 2Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LP7612
HIGH DYNAMIC RANGE PHEMT
Phone:
(408) 988-1845
http://
www.filss.com
Revised:
1/18/01
Fax:
(408) 970-9950
Email:
sales@filss.com
• FEATURES
♦ 21 dBm Output Power at 1-dB
Compression at 18 GHz
♦ 9.5 dB Power Gain at 18 GHz
♦ 1.0 dB Noise Figure at 18 GHz
♦ 55% Power-Added Efficiency
• DESCRIPTION AND APPLICATIONS
The LP7612 is an Aluminum Gallium Arsenide / Indium Gallium Arsenide (AlGaAs/InGaAs)
Pseudomorphic High Electron Mobility Transistor (PHEMT), utilizing an Electron-Beam direct-
write 0.25
µm by 200 µm Schottky barrier gate. The recessed “mushroom” gate structure minimizes
parasitic gate-source and gate resistances.
The epitaxial structure and processing have been
optimized for high dynamic range. The LP7612 also features Si3N4 passivation and is available in a
P70 ceramic package.
Typical applications include high dynamic range receiver preamplifiers for commercial applications
including Cellular/PCS systems, WLL and WLAN systems, and broadband amplifiers.
• ELECTRICAL SPECIFICATIONS @ T
Ambient = 25 °
°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Saturated Drain-Source Current
IDSS
VDS = 2 V; VGS = 0 V
40
65
85
mA
Power at 1-dB Compression
P-1dB
VDS = 5 V; IDS = 50% IDSS
19
21
dBm
Power Gain at 1-dB Compression
G-1dB
VDS = 5 V; IDS = 50% IDSS
8
9.5
dB
Power-Added Efficiency
PAE
VDS = 5 V; IDS = 50% IDSS
55
%
Maximum Drain-Source Current
IMAX
VDS = 2 V; VGS = 1 V
125
mA
Transconductance
GM
VDS = 2 V; VGS = 0 V
60
90
mS
Gate-Source Leakage Current
IGSO
VGS = -5 V
1
10
µA
Pinch-Off Voltage
VP
VDS = 2 V; IDS = 1 mA
-0.25
-0.8
-1.5
V
Gate-Source Breakdown
Voltage Magnitude
|VBDGS|
IGS = 1 mA
-6
-7
V
Gate-Drain Breakdown
Voltage Magnitude
|VBDGD|
IGD = 1 mA
-8
-9
V
Thermal Resistivity
Θ
JC
275
°C/W
frequency=18 GHz
DRAIN
BOND
PAD (2X)
SOURCE
BOND
PAD (2x)
DIE SIZE: 18.0X13.0 mils (460x330
µm)
DIE THICKNESS: 3.9 mils (100
µm)
BONDING PADS: 1.9X1.9 mils (50x50
µm)
GATE
BOND
PAD (2X)


Similar Part No. - LP7612

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LP7612P70 FILTRONIC-LP7612P70 Datasheet
61Kb / 3P
PACKAGED HIGH DYNAMIC RANGE PHEMT
More results

Similar Description - LP7612

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LP7612P70 FILTRONIC-LP7612P70 Datasheet
61Kb / 3P
PACKAGED HIGH DYNAMIC RANGE PHEMT
LPD200P70 FILTRONIC-LPD200P70 Datasheet
61Kb / 3P
PACKAGED HIGH DYNAMIC RANGE PHEMT
LPD200SOT343 FILTRONIC-LPD200SOT343 Datasheet
68Kb / 2P
PACKAGED HIGH DYNAMIC RANGE PHEMT
logo
WJ Communication. Inc.
FH101 WJCI-FH101 Datasheet
177Kb / 4P
High Dynamic Range FET
logo
Tyco Electronics
AM50-0011V6 MACOM-AM50-0011V6 Datasheet
182Kb / 4P
High Dynamic Range LNA
logo
WJ Communication. Inc.
FH1 WJCI-FH1 Datasheet
753Kb / 7P
High Dynamic Range FET
AH1 WJCI-AH1 Datasheet
229Kb / 5P
High Dynamic Range Amplifier
FH1 WJCI-FH1_07 Datasheet
301Kb / 7P
High Dynamic Range FET
logo
M/A-COM Technology Solu...
AM-155-AMC-155 MA-COM-AM-155-AMC-155_15 Datasheet
83Kb / 3P
High Dynamic Range Amplifier
logo
OmniVision Technologies...
OV10642 OMNIVISION-OV10642 Datasheet
4Mb / 2P
high dynamic range
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com